Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM20UM05S Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM20UM05S
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20UM05S Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM20UM05S Datasheet HTML 1Page - Advanced Power Technology APTM20UM05S Datasheet HTML 2Page - Advanced Power Technology APTM20UM05S Datasheet HTML 3Page - Advanced Power Technology APTM20UM05S Datasheet HTML 4Page - Advanced Power Technology APTM20UM05S Datasheet HTML 5Page - Advanced Power Technology APTM20UM05S Datasheet HTML 6Page - Advanced Power Technology APTM20UM05S Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM20UM05S
APT website – http://www.advancedpower.com
1- 7
D
Q1
G
S
CR1
SK
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
200
V
Tc = 25°C
317
ID
Continuous Drain Current
Tc = 80°C
237
IDM
Pulsed Drain current
1268
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
5
m
W
PD
Maximum Power Dissipation
Tc = 25°C
1136
W
IAR
Avalanche current (repetitive and non repetitive)
89
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
VDSS = 200V
RDSon = 5mΩ max @ Tj = 25°C
ID = 317A @ Tc = 25°C
Application
·
Motor control
·
Switched Mode Power Supplies
·
Uninterruptible Power Supplies
Features
·
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
·
Kelvin source for easy drive
·
Low stray inductance
-
M6 power connectors
-
M4 signal connectors
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
Single switch
Series & parallel diodes
MOSFET Power Module


Similar Part No. - APTM20UM05S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM03F-ALN ADPOW-APTM20UM03F-ALN Datasheet
300Kb / 6P
   Single Switch MOSFET Power Module
logo
Microsemi Corporation
APTM20UM03FAG MICROSEMI-APTM20UM03FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
logo
Advanced Power Technolo...
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM20UM04SAG MICROSEMI-APTM20UM04SAG Datasheet
271Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM20UM05S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM19S ADPOW-APTM50UM19S Datasheet
287Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM100U13S ADPOW-APTM100U13S Datasheet
286Kb / 5P
   Single switch Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com