Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH74NP-560MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH74NP-560MC
Description  CDRH74
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH74NP-560MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH74NP-560MC Datasheet HTML 1Page - Sumida Corporation CDRH74NP-560MC Datasheet HTML 2Page - Sumida Corporation CDRH74NP-560MC Datasheet HTML 3Page - Sumida Corporation CDRH74NP-560MC Datasheet HTML 4Page - Sumida Corporation CDRH74NP-560MC Datasheet HTML 5Page - Sumida Corporation CDRH74NP-560MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
仕 様 書
CDRH74
2-3.電気的特性Ⅱ(箱梱包の場合)
NO.
表 示
インダクタンス
[以内]
※1
D.C.R.
(Ω)[以下]
(at 20℃)
※2
定格電流
(A)
※3
スミダ
コード
26
27
CDRH74NP-1
ØØMB
CDRH74NP-12
ØMB
100
120
10μH ± 20%
12μH ± 20%
49m(38m)
58m(44m)
1.84
1.71
4734-0398
4734-0401
28
29
CDRH74NP-15
ØMB
CDRH74NP-18
ØMB
150
180
15μH ± 20%
18μH ± 20%
81m(62m)
91m(70m)
1.47
1.31
4734-0402
4734-0403
30
31
CDRH74NP-22
ØMB
CDRH74NP-27
ØMB
220
270
22μH ± 20%
27μH ± 20%
0.11(77m)
0.15(0.12)
1.23
1.12
4734-0404
4734-0405
32
33
CDRH74NP-33
ØMB
CDRH74NP-39
ØMB
330
390
33μH ± 20%
39μH ± 20%
0.17(0.13)
0.23(0.18)
0.96
0.91
4734-0406
4734-0407
34
35
CDRH74NP-47
ØMB
CDRH74NP-56
ØMB
470
560
47μH ± 20%
56μH ± 20%
0.26(0.20)
0.35(0.27)
0.88
0.75
4734-0408
4734-0409
36
37
CDRH74NP-68
ØMB
CDRH74NP-82
ØMB
680
820
68μH ± 20%
82μH ± 20%
0.38(0.30)
0.43(0.33)
0.69
0.61
4734-0410
4734-0412
38
39
CDRH74NP-1
Ø1MB
CDRH74NP-121MB
101
121
100μH ± 20%
120μH ± 20%
0.61(0.47)
0.66(0.51)
0.60
0.52
4734-0413
4734-0414
40
41
CDRH74NP-151MB
CDRH74NP-181MB
151
181
150μH ± 20%
180μH ± 20%
0.88(0.68)
0.98(0.76)
0.46
0.42
4734-0415
4734-0416
42
43
CDRH74NP-221MB
CDRH74NP-271MB
221
271
220μH ± 20%
270μH ± 20%
1.17(0.90)
1.64(1.32)
0.36
0.34
4734-0417
4734-0418
44
45
CDRH74NP-331MB
CDRH74NP-391MB
331
391
330μH ± 20%
390μH ± 20%
1.86(1.49)
2.85(2.28)
0.32
0.29
4734-0419
4734-0420
46
47
CDRH74NP-471MB
CDRH74NP-561MB
471
561
470μH ± 20%
560μH ± 20%
3.01(2.41)
3.62(2.89)
0.26
0.23
4734-0421
4734-0423
48
49
CDRH74NP-681MB
CDRH74NP-821MB
681
821
680μH ± 20%
820μH ± 20%
4.63(3.71)
5.20(4.16)
0.22
0.20
4734-0424
4734-0425
50
CDRH74NP-1
Ø2MB
102
1.0mH ± 20%
6.00(4.80)
0.18
4734-0426
※1: 測定周波数
at 1 kHz
※2: ( )内は標準値とする。
※3: 定格電流は直流重畳特性に於て、インダクタンスが公称値より-25%となる電流もしくは直流電流を
流した時のコイルの発熱が△t=40℃となる電流値の少ない方の値。(Ta=20℃を基準とする。)
3.保存温度範囲  −40℃∼+100℃
使用温度範囲  −40℃∼+100℃(コイルの発熱を含む。)


Similar Part No. - CDRH74NP-560MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH74NP-560MC-B SUMIDA-CDRH74NP-560MC-B Datasheet
272Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH74NP-560MC

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH74 AITCOMPONENTS-CDRH74 Datasheet
34Kb / 1P
   CDRH74 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com