Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM20SKM05 Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM20SKM05
Description  Buck chopper MOSFET IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20SKM05 Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM20SKM05 Datasheet HTML 1Page - Advanced Power Technology APTM20SKM05 Datasheet HTML 2Page - Advanced Power Technology APTM20SKM05 Datasheet HTML 3Page - Advanced Power Technology APTM20SKM05 Datasheet HTML 4Page - Advanced Power Technology APTM20SKM05 Datasheet HTML 5Page - Advanced Power Technology APTM20SKM05 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM20SKM05
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
10
20
30
40
50
60
70
80
90
50
150
250
350
450
550
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
50
150
250
350
450
550
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
5
50
150
250
350
450
550
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
2
2.5
3
3.5
4
4.5
5
5.5
6
02.557.5
10
12.5
15
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=300A
TJ=125°C
L=100µH
0
50
100
150
200
250
300
350
30
70
110
150
190
230
270
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=1.2Ω
TJ=125°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTM20SKM05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20SKM05G MICROSEMI-APTM20SKM05G Datasheet
276Kb / 6P
   Buck chopper MOSFET Power Module
More results

Similar Description - APTM20SKM05

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20SKM04 ADPOW-APTM20SKM04 Datasheet
289Kb / 6P
   Buck chopper MOSFET IGBT Power Module
APTM20SKM08T ADPOW-APTM20SKM08T Datasheet
297Kb / 6P
   Buck chopper MOSFET IGBT Power Module
APTM20SKM10T ADPOW-APTM20SKM10T Datasheet
302Kb / 6P
   Buck chopper MOSFET IGBT Power Module
APTGT75SK120D1 ADPOW-APTGT75SK120D1 Datasheet
189Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT75SK170D1 ADPOW-APTGT75SK170D1 Datasheet
189Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT150SK170D3 ADPOW-APTGT150SK170D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGT300SK170D3 ADPOW-APTGT300SK170D3 Datasheet
196Kb / 3P
   Buck chopper Trench IGBT Power Module
APTGF90SK60D1 ADPOW-APTGF90SK60D1 Datasheet
169Kb / 3P
   Buck chopper NPT IGBT Power Module
APTGF100SK120T ADPOW-APTGF100SK120T Datasheet
294Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com