Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH64BNP-15OMB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH64BNP-15OMB
Description  CDRH64B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH64BNP-15OMB Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH64BNP-15OMB Datasheet HTML 1Page - Sumida Corporation CDRH64BNP-15OMB Datasheet HTML 2Page - Sumida Corporation CDRH64BNP-15OMB Datasheet HTML 3Page - Sumida Corporation CDRH64BNP-15OMB Datasheet HTML 4Page - Sumida Corporation CDRH64BNP-15OMB Datasheet HTML 5Page - Sumida Corporation CDRH64BNP-15OMB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
仕 様 書
CDRH64B
1.外形
1-1.寸法図(mm)
* 公差のない寸法は参考値とする。
1-2.捺印表示例
-3.推奨ランド図(mm)
2.コイル仕様
2-1.端子接続図(裏面図)
電極(端子)間の隙間はシルク処理をして御使用下さい。
MAX.5.0
0.6
0.1
1.5±0.2
6.2±0.3
電極部
捺印位置不定
製造密番
頭部直捺印
100
シルク処理部
1.9
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CDRH64BNP-15OMB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH64BNP-150MC-B SUMIDA-CDRH64BNP-150MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
CDRH64BNP-151MC-B SUMIDA-CDRH64BNP-151MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH64BNP-15OMB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH64B AITCOMPONENTS-CDRH64B Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com