Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH62BNP-7R1NC Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDRH62BNP-7R1NC
Description  CDRH62B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH62BNP-7R1NC Datasheet(HTML) 6 Page - Sumida Corporation

  CDRH62BNP-7R1NC Datasheet HTML 1Page - Sumida Corporation CDRH62BNP-7R1NC Datasheet HTML 2Page - Sumida Corporation CDRH62BNP-7R1NC Datasheet HTML 3Page - Sumida Corporation CDRH62BNP-7R1NC Datasheet HTML 4Page - Sumida Corporation CDRH62BNP-7R1NC Datasheet HTML 5Page - Sumida Corporation CDRH62BNP-7R1NC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
TYPE
CDRH62B
2-3. ELECTRICAL CHARACTERISTICSⅡ(IN THE CASE OF BOX)
NO.
PART NAME
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃) ※2
RATED
CURRENT
(A) ※3
SUMIDA
CODE
26
27
CDRH62BNP-2R9NB
CDRH62BNP-4R
ØNB
2R9
4R0
2.9μH + 40%
- 20%
4.0μH + 40%
- 20%
68m (50m)
80m (59m)
1.94
1.63
4742-0332
4742-0333
28
29
CDRH62BNP-5R5NB
CDRH62BNP-6R3NB
5R5
6R3
5.5μH + 40%
- 20%
6.3μH + 40%
- 20%
96m (71m)
0.10 (77m)
1.40
1.30
4742-0335
4742-0336
30
31
CDRH62BNP-7R1NB
CDRH62BNP-8R
ØNB
7R1
8R0
7.1μH + 40%
- 20%
8.0μH + 40%
- 20%
0.11 (81m)
0.12 (87m)
1.22
1.15
4742-0337
4742-0338
32
33
CDRH62BNP-1
ØØMB
CDRH62BNP-12
ØMB
100
120
10μH ± 20%
12μH ± 20%
0.15 (0.11)
0.20 (0.15)
1.10
1.00
4742-0339
4742-0340
34
35
CDRH62BNP-15
ØMB
CDRH62BNP-18
ØMB
150
180
15μH ± 20%
18μH ± 20%
0.23 (0.17)
0.27 (0.20)
0.90
0.80
4742-0341
4742-0342
36
37
CDRH62BNP-22
ØMB
CDRH62BNP-27
ØMB
220
270
22μH ± 20%
27μH ± 20%
0.34 (0.25)
0.38 (0.29)
0.74
0.66
4742-0343
4742-0344
38
39
CDRH62BNP-33
ØMB
CDRH62BNP-39
ØMB
330
390
33μH ± 20%
39μH ± 20%
0.45 (0.33)
0.49 (0.37)
0.59
0.54
4742-0346
4742-0347
40
41
CDRH62BNP-47
ØMB
CDRH62BNP-56
ØMB
470
560
47μH ± 20%
56μH ± 20%
0.69 (0.51)
0.78 (0.58)
0.50
0.46
4742-0348
4742-0349
42
43
CDRH62BNP-68
ØMB
CDRH62BNP-82
ØMB
680
820
68μH ± 20%
82μH ± 20%
1.07 (0.83)
1.21 (0.93)
0.42
0.38
4742-0350
4742-0351
44
45
CDRH62BNP-1
Ø1MB
CDRH62BNP-121MB
101
121
100μH ± 20%
120μH ± 20%
1.39 (1.07)
1.90 (1.46)
0.34
0.31
4742-0352
4742-0353
46
47
CDRH62BNP-151MB
CDRH62BNP-181MB
151
181
150μH ± 20%
180μH ± 20%
2.18 (1.68)
2.77 (2.13)
0.28
0.26
4742-0354
4742-0355
48
49
CDRH62BNP-221MB
CDRH62BNP-271MB
221
271
220μH ± 20%
270μH ± 20%
3.12 (2.40)
4.38 (3.37)
0.23
0.22
4742-0357
4742-0358
50
CDRH62BNP-331MB
331
330μH ± 20%
4.94 (3.80)
0.19
4742-0359
※1:2.9μH ~ 8.0μH
;INDUCTANCE (L) MEASURED AT FREQUENCY OF 7.96MHz
10 μH ~ 330μH
;INDUCTANCE (L) MEASURED AT FREQUENCY OF 1 kHz
※2: (
)TYPICAL VALUE.
※3: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 75% LOWER THAN ITS NOMINAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼+100℃
OPERATING TEMPERATURE RANGE:
−40℃ ∼+100℃ (INCLUDING SELF TEMPERATURE RISE)


Similar Part No. - CDRH62BNP-7R1NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH62BNP-7R1NC-B SUMIDA-CDRH62BNP-7R1NC-B Datasheet
290Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH62BNP-7R1NC

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH62B AITCOMPONENTS-CDRH62B Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com