Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH64 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH64
Description  CDRH64
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH64 Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH64 Datasheet HTML 1Page - Sumida Corporation CDRH64 Datasheet HTML 2Page - Sumida Corporation CDRH64 Datasheet HTML 3Page - Sumida Corporation CDRH64 Datasheet HTML 4Page - Sumida Corporation CDRH64 Datasheet HTML 5Page - Sumida Corporation CDRH64 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
仕 様 書
CDRH64
2-3.電気的特性Ⅱ(箱梱包の場合)
NO.
表示
インダクタンス
[以内]
※1
D.C.R.
(Ω)[以下]
(at 20℃)※2
定格電流
(A)
※3
スミダ
コード
26
27
CDRH64NP-1
ØØMB
CDRH64NP-12
ØMB
100
120
10 μH ± 20%
12 μH ± 20%
0.11(84m)
0.13(96m)
1.68
1.51
4732-0041
4732-0042
28
29
CDRH64NP-15
ØMB
CDRH64NP-18
ØMB
150
180
15 μH ± 20%
18 μH ± 20%
0.14(0.11)
0.16(0.12)
1.32
1.18
4732-0043
4732-0044
30
31
CDRH64NP-22
ØMB
CDRH64NP-27
ØMB
220
270
22 μH ± 20%
27 μH ± 20%
0.21(0.16)
0.29(0.23)
1.06
0.95
4732-0045
4732-0046
32
33
CDRH64NP-33
ØMB
CDRH64NP-39
ØMB
330
390
33 μH ± 20%
39 μH ± 20%
0.33(0.25)
0.35(0.27)
0.88
0.77
4732-0048
4732-0049
34
35
CDRH64NP-47
ØMB
CDRH64NP-56
ØMB
470
560
47 μH ± 20%
56 μH ± 20%
0.39(0.30)
0.43(0.34)
0.76
0.67
4732-0050
4732-0051
36
37
CDRH64NP-68
ØMB
CDRH64NP-82
ØMB
680
820
68 μH ± 20%
82 μH ± 20%
0.59(0.46)
0.66(0.51)
0.60
0.57
4732-0052
4732-0053
38
39
CDRH64NP-1
Ø1MB
CDRH64NP-121MB
101
121
100μH ± 20%
120μH ± 20%
0.76(0.58)
0.83(0.64)
0.50
0.47
4732-0054
4732-0055
40
41
CDRH64NP-151MB
CDRH64NP-181MB
151
181
150μH ± 20%
180μH ± 20%
1.24(0.96)
1.89(1.51)
0.42
0.37
4732-0056
4732-0057
42
43
CDRH64NP-221MB
CDRH64NP-271MB
221
271
220μH ± 20%
270μH ± 20%
2.10(1.68)
2.37(1.90)
0.34
0.31
4732-0059
4732-0060
44
45
CDRH64NP-331MB
CDRH64NP-391MB
331
391
330μH ± 20%
390μH ± 20%
2.66(2.13)
2.94(2.35)
0.27
0.26
4732-0061
4732-0062
46
47
CDRH64NP-471MB
CDRH64NP-561MB
471
561
470μH ± 20%
560μH ± 20%
3.89(3.11)
5.25(4.20)
0.24
0.21
4732-0063
4732-0064
48
49
CDRH64NP-681MB
CDRH64NP-821MB
681
821
680μH ± 20%
820μH ± 20%
5.97(4.78)
6.54(5.23)
0.18
0.17
4732-0065
4732-0066
50
CDRH64NP-1
Ø2MB
102
1.0 mH ± 20%
8.94(7.15)
0.16
4732-0067
※1: 測定周波数
at
1
kHz
※2: (
)内は、標準値とする。
※3: 定格電流は直流重畳特性に於て、インダクタンスが公称値より-30%となる電流もしくは直流電流を
流した時のコイルの発熱が△t=40℃となる電流値の少ない方の値。(Ta=20℃を基準とする。)
3.使用温度範囲: -40℃∼+100℃(コイルの発熱を含む。)
保存温度範囲: -40℃∼+100℃.


Similar Part No. - CDRH64

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH64B SUMIDA-CDRH64B Datasheet
1Mb / 6P
   CDRH64B
logo
AIT Components Ltd.
CDRH64B AITCOMPONENTS-CDRH64B Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
CDRH64B-100 AITCOMPONENTS-CDRH64B-100 Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
CDRH64B-101 AITCOMPONENTS-CDRH64B-101 Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
CDRH64B-102 AITCOMPONENTS-CDRH64B-102 Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com