Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR1O5BNP-22OMB Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDR1O5BNP-22OMB
Description  CDR105B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR1O5BNP-22OMB Datasheet(HTML) 6 Page - Sumida Corporation

  CDR1O5BNP-22OMB Datasheet HTML 1Page - Sumida Corporation CDR1O5BNP-22OMB Datasheet HTML 2Page - Sumida Corporation CDR1O5BNP-22OMB Datasheet HTML 3Page - Sumida Corporation CDR1O5BNP-22OMB Datasheet HTML 4Page - Sumida Corporation CDR1O5BNP-22OMB Datasheet HTML 5Page - Sumida Corporation CDR1O5BNP-22OMB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
TYPE
CDR105B
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
RATED
CURRENT
(A)※2
S.R.F.
(MHz)
[Ref.]
SUMIDA
CODE
25
CDR1Ø5BNP-1Ø1KC
-0120
26
CDR1Ø5BNP-1Ø1KB
101
100μH ± 10%
0.34
0.72
8.1
-0121
27
CDR1Ø5BNP-121KC
-0123
28
CDR1Ø5BNP-121KB
121
120μH ± 10%
0.37
0.63
7.3
-0124
29
CDR1Ø5BNP-151KC
-0125
30
CDR1Ø5BNP-151KB
151
150μH ± 10%
0.51
0.55
6.2
-0126
31
CDR1Ø5BNP-181KC
-0127
32
CDR1Ø5BNP-181KB
181
180μH ± 10%
0.57
0.50
5.6
-0128
33
CDR1Ø5BNP-221KC
-0129
34
CDR1Ø5BNP-221KB
221
220μH ± 10%
0.78
0.47
5.4
-0130
35
CDR1Ø5BNP-271KC
-0131
36
CDR1Ø5BNP-271KB
271
270μH ± 10%
0.87
0.41
5.0
-0132
37
CDR1Ø5BNP-331KC
-0134
38
CDR1Ø5BNP-331KB
331
330μH ± 10%
1.20
0.37
4.2
-0135
39
CDR1Ø5BNP-391KC
-0136
40
CDR1Ø5BNP-391KB
391
390μH ± 10%
1.34
0.35
3.8
-0137
41
CDR1Ø5BNP-471KC
-0138
42
CDR1Ø5BNP-471KB
471
470μH ± 10%
1.50
0.33
3.5
-0139
* PART NO. DESCRIPTION
(1) IN CASE OF REEL PACKING: CDR1Ø5BNP-XXXXC
(2) IN CASE OF BOX PACKING: CDR1Ø5BNP-XXXXB
※1: MEASURED FREQUENCY
10μH ∼ 82μH
at 2.52 MHz
100μH ∼470μH
at
1 kHz
※2: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼+100℃
OPERATING TEMPERATURE RANGE:
−40℃ ∼+100℃ (INCLUDING COIL'S SELF TEMPERATURE RISE)


Similar Part No. - CDR1O5BNP-22OMB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105 SUMIDA-CDR105 Datasheet
227Kb / 3P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDR105B ECM-CDR105B Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDR105B SUMIDA-CDR105B Datasheet
227Kb / 3P
   POWER INDUCTORS
logo
AIT Components Ltd.
CDR105B AITCOMPONENTS-CDR105B Datasheet
31Kb / 1P
   CDR105B SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDR105B-100 ECM-CDR105B-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDR1O5BNP-22OMB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDR105B AITCOMPONENTS-CDR105B Datasheet
31Kb / 1P
   CDR105B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com