Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR74BNP-18OMB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR74BNP-18OMB
Description  CDR74B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR74BNP-18OMB Datasheet(HTML) 2 Page - Sumida Corporation

  CDR74BNP-18OMB Datasheet HTML 1Page - Sumida Corporation CDR74BNP-18OMB Datasheet HTML 2Page - Sumida Corporation CDR74BNP-18OMB Datasheet HTML 3Page - Sumida Corporation CDR74BNP-18OMB Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
仕 様 書
CDR74B
2-2. 電気的特性
NO.
表示
インダクタンス
[以内]
※1
D.C.R.
(Ω)[以下]
(at 20℃)
定格電流
(A)
※2
S.R.F.
(MHz)
[参考値]
SUMIDA
CODE
01
CDR74BNP-1
ØØMC
-0070
02
CDR74BNP-1
ØØMB
100
10μH ± 20%
0.07
1.65
26.3
-0071
03
CDR74BNP-12
ØMC
-0072
04
CDR74BNP-12
ØMB
120
12μH ± 20%
0.07
1.57
25.1
-0073
05
CDR74BNP-15
ØMC
-0075
06
CDR74BNP-15
ØMB
150
15μH ± 20%
0.08
1.39
19.9
-0076
07
CDR74BNP-18
ØMC
-0077
08
CDR74BNP-18
ØMB
180
18μH ± 20%
0.10
1.29
19.3
-0078
09
CDR74BNP-22
ØMC
-0079
10
CDR74BNP-22
ØMB
220
22μH ± 20%
0.13
1.12
18.4
-0080
11
CDR74BNP-27
ØMC
-0081
12
CDR74BNP-27
ØMB
270
27μH ± 20%
0.16
1.06
15.7
-0082
13
CDR74BNP-33
ØLC
-0083
14
CDR74BNP-33
ØLB
330
33μH ± 15%
0.18
0.97
15.3
-0084
15
CDR74BNP-39
ØLC
-0086
16
CDR74BNP-39
ØLB
390
39μH ± 15%
0.18
0.91
14.0
-0087
17
CDR74BNP-47
ØLC
-0088
18
CDR74BNP-47
ØLB
470
47μH ± 15%
0.27
0.80
12.4
-0089
19
CDR74BNP-56
ØLC
-0090
20
CDR74BNP-56
ØLB
560
56μH ± 15%
0.29
0.76
11.8
-0091
21
CDR74BNP-68
ØLC
-0092
22
CDR74BNP-68
ØLB
680
68μH ± 15%
0.33
0.68
10.0
-0093
23
CDR74BNP-82
ØLC
-0094
24
CDR74BNP-82
ØLB
820
82μH ± 15%
0.43
0.62
9.3
-0095
25
CDR74BNP-1
Ø1KC
-0097
26
CDR74BNP-1
Ø1KB
101
100μH ± 10%
0.49
0.55
8.3
-0098
27
CDR74BNP-121KC
-0099
28
CDR74BNP-121KB
121
120μH ± 10%
0.68
0.49
7.3
-0100
29
CDR74BNP-151KC
-0101
30
CDR74BNP-151KB
151
150μH ± 10%
0.94
0.44
6.4
-0102
31
CDR74BNP-181KC
-0103
32
CDR74BNP-181KB
181
180μH ± 10%
1.00
0.40
5.6
-0104
33
CDR74BNP-221KC
-0105
34
CDR74BNP-221KB
221
220μH ± 10%
1.18
0.36
5.4
-0106
35
CDR74BNP-271KC
-0108
36
CDR74BNP-271KB
271
270μH ± 10%
1.30
0.33
4.6
-0109
* 品名表示の区分
(1) リール梱包の場合: CDR74BNP-XXXXC
(2) 箱梱包の場合: CDR74BNP-XXXXB
※1 測定周波数
L
10μH ~
82μH at 2.52MHz
100μH ~ 270μH at
1kHz
※2 定格電流は直流重畳特性に於て、インダクタンスが初期値より-10%となる電流、又は直流電流を流した
時のコイルの発熱が、△t=40℃以下となる電流のどちらか小さい方の値。(Ta=20℃を基準とする。)
3.保存温度範囲
−25℃ ∼ +80℃
使用温度範囲
−25℃ ∼ +80℃ (コイルの発熱を含む。)


Similar Part No. - CDR74BNP-18OMB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR74BNP-180MB SUMIDA-CDR74BNP-180MB Datasheet
235Kb / 3P
   POWER INDUCTORS
CDR74BNP-180MC SUMIDA-CDR74BNP-180MC Datasheet
235Kb / 3P
   POWER INDUCTORS
CDR74BNP-181KB SUMIDA-CDR74BNP-181KB Datasheet
235Kb / 3P
   POWER INDUCTORS
CDR74BNP-181KC SUMIDA-CDR74BNP-181KC Datasheet
235Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDR74BNP-18OMB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDR74B AITCOMPONENTS-CDR74B Datasheet
31Kb / 1P
   CDR74B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com