Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP149-0R4MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP149-0R4MC
Description  POWER INDUCTORS Type>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP149-0R4MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP149-0R4MC Datasheet HTML 1Page - Sumida Corporation CDEP149-0R4MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
/ その他
/ インダクタンス公差
/ インダクタンス測定周波数(L)
*IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値とする。(Ta=20℃)
*E 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの65%以上(インダクタンスの交差が±30%時)、又は75%以上(インダクタンスの交差が±20%時)となる電流値とする。(Ta=20℃)
*IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値とする。(Ta=20℃)
*E 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの75%以上(インダクタンスの交差が±20%時)となる電流値とする。(Ta=20℃)
/ 品名表記法
/ 無鉛製品について
About Lead-free products
・Lead-free products are now available for sale
・To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g. lead product: Type name-
△△△○×
lead-free product: Type name NP
△△△○×
/ 無鉛製品について
About Lead-free products
・Lead-free products are now available for sale
・To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g. lead product: Type name-
△△△○×
lead-free product: Type name NP
△△△○×
POWER INDUCTORS
<SMD Type>
TYPE : CDEP147 (Standard Type), CDEP147 (High Power Type)
Parts No.
L (H)
CDEP147 (Standard Type)
CDEP147 (High Power Type)
0R7
0R9
1R2
1R5
1R8
2R4
2R6
3R4
3R5
4R7
5R9
6R1
7R3
7R7
9R5
0.7
µ
0.9
µ
1.2
µ
1.5
µ
1.8
µ
2.4
µ
2.6
µ
3.4
µ
3.5
µ
4.7
µ
5.9
µ
6.1
µ
7.3
µ
7.7
µ
9.5
µ
36.0
27.2
22.4
18.4
15.2
14.8
12.4
11.2
21.0
20.0
17.5
16.0
13.5
11.0
10.0
8.5
1.86m
2.43m
2.95m
4.06m
5.16m
6.92m
8.53m
11.23m
46.4
35.8
29.6
24.4
20.8
17.6
16.4
14.6
21.0
20.0
17.5
16.0
13.5
11.0
10.0
8.5
1.86m
2.43m
2.95m
4.06m
5.16m
6.92m
8.53m
11.23m
D.C.R.(
Ω) : Max.
Saturation Rated
Current (A) *E
Temperature Rise
Current (Typ.) (A) *IV
D.C.R.(
Ω) : Max.
Saturation Rated
Current (A) *E
Temperature Rise
Current (Typ.) (A) *IV
/ その他
/ インダクタンス公差
/ インダクタンス測定周波数(L)
/ 品名表記法
Measuring Freq. (L)
Tolerance of Inductance
Other
CDEP147(S)
CDEP147(H)
CDEP147(S)
CDEP147(H)
100kHz
100kHz
0.9
µH – 9.5µH ± 20% (M)
0.7
µH – 7.3µH ± 20% (M)
Ordering Code
CDEP147 -
-
: Parts No.
: Tolerance of inductance
M (20%)
N (30%)
: Packing
C (Carrier tape)
B (Box)
:
Nothing (Standard type)
H
(High power type)
TYPE : CDEP149 (Standard Type), CDEP149 (High Power Type)
Parts No.
L (H)
CDEP149 (Standard Type)
CDEP149 (High Power Type)
0R4
0R7
1R0
1R7
1R8
3R0
0.45
µ
0.75
µ
1.0
µ
1.7
µ
1.8
µ
3.0
µ
24.0
16.8
12.4
35.0
30.0
28.0
1.1m (0.9m)
1.6m (1.3m)
2.3m (1.9m)
D.C.R.(
Ω) : Max.(Typ.)
Saturation Rated
Current (A) *E
Temperature Rise
Current (Typ.) (A) *IV
32.0
26.0
20.0
35.0
30.0
28.0
1.1m (0.9m)
1.6m (1.3m)
2.3m (1.9m)
D.C.R.(
Ω) : Max.(Typ.)
Saturation Rated
Current (A) *E
Temperature Rise
Current (Typ.) (A) *IV
Measuring Freq. (L)
Tolerance of Inductance
Other
CDEP149(S)
CDEP149(H)
CDEP149(S)
CDEP149(H)
100kHz
100kHz
0.75
µH ± 30% (N), 1.7µH – 3.0µH ± 20% (M)
0.45
µH ± 30% (N), 1.0µH – 1.8µH ± 20% (M)
*IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes
∆T=40 °C. (Ta=20 °C)
*E Saturation Rated Current : The current either the inductance value becomes 35% (tolerance
± 30%) lower than its nominal value or becomes 25% (tolerance ± 20%) lower than its nominal
value.(Ta=20 °C)
*IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes
∆T=40 °C. (Ta=20 °C)
*E Saturation Rated Current : The current either the inductance value becomes 25% (tolerance
± 20%) lower than its nominal value.(Ta=20°C)
Ordering Code
CDEP149 -
-
: Parts No.
: Tolerance of inductance
M (20%)
N (30%)
: Packing
C (Carrier tape)
B (Box)
:
Nothing (Standard type)
H
(High power type)


Similar Part No. - CDEP149-0R4MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP149 SUMIDA-CDEP149 Datasheet
162Kb / 2P
   POWER INDUCTORS
CDEP149NP-0R4NC-H SUMIDA-CDEP149NP-0R4NC-H Datasheet
179Kb / 3P
   SMD Power Inductor
CDEP149NP-0R7NC SUMIDA-CDEP149NP-0R7NC Datasheet
179Kb / 3P
   SMD Power Inductor
CDEP149NP-1R0MC-H SUMIDA-CDEP149NP-1R0MC-H Datasheet
179Kb / 3P
   SMD Power Inductor
CDEP149NP-1R7MC SUMIDA-CDEP149NP-1R7MC Datasheet
179Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDEP149-0R4MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com