Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM20AM05FT Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTM20AM05FT
Description  Phase leg MOSFET Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM05FT Datasheet(HTML) 3 Page - Advanced Power Technology

  APTM20AM05FT Datasheet HTML 1Page - Advanced Power Technology APTM20AM05FT Datasheet HTML 2Page - Advanced Power Technology APTM20AM05FT Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APTM20AM05FT
APT website – http://www.advancedpower.com
3 - 3
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case
0.1
°C/W
VISOL
RMS Isolation Voltage, any terminal to case
t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M5
2
3.5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
550
g
Temperature sensor NTC
Symbol Characteristic
Min
Typ
Max Unit
R25
Resistance @ 25°C
68
k
B 25/85
T25 = 298.16 K
4080
K
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Package outline
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTM20AM05FT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20AM05FT MICROSEMI-APTM20AM05FT Datasheet
201Kb / 3P
   Phase leg MOSFET Power Module
More results

Similar Description - APTM20AM05FT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM04F ADPOW-APTM20AM04F Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
   Phase leg MOSFET Power Module
APTM60A23FT1G MICROSEMI-APTM60A23FT1G Datasheet
193Kb / 5P
   Phase leg MOSFET Power Module
APTM120A65FT1G MICROSEMI-APTM120A65FT1G Datasheet
147Kb / 5P
   Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
   Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
   Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
   Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
   Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM10AM05FTG MICROSEMI-APTM10AM05FTG Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
   Phase leg MOSFET Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com