Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT75X120E3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGT75X120E3
Description  3 Phase bridge Trench IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT75X120E3 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGT75X120E3 Datasheet HTML 1Page - Advanced Power Technology APTGT75X120E3 Datasheet HTML 2Page - Advanced Power Technology APTGT75X120E3 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTGT75X120E3
APT website – http://www.advancedpower.com
2 - 3
Electrical Characteristics
All ratings @ Tj = 25°C unless otherwise specified
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 5mA
1200
V
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
5
mA
Tj = 25°C
1.4
1.7
2.1
VCE(on) Collector Emitter on Voltage
VGE =15V
IC = 75A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 3 mA
5.0
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
500
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Cies
Input Capacitance
5340
Coes
Output Capacitance
280
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
240
pF
Td(on)
Turn-on Delay Time
260
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
420
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 75A
RG = 4.7Ω
70
ns
Td(on)
Turn-on Delay Time
285
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
520
Tf
Fall Time
90
ns
Eoff
Turn off Energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 75A
RG = 4.7Ω
9.5
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tj = 25°C
1.6
2.1
VF
Diode Forward Voltage
IF = 75A
VGE = 0V
Tj = 125°C
1.6
V
Tj = 25°C
3
Er
Reverse Recovery Energy
IF = 75A
VR = 600V
di/dt =825A/µs Tj = 125°C
6
mJ
Tj = 25°C
7.6
Qrr
Reverse Recovery Charge
IF = 75A
VR = 600V
di/dt =825A/µs Tj = 125°C
13.7
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max Unit
IGBT
0.35
RthJC
Junction to Case
Diode
0.58
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
Torque Mounting torque
To Heatsink
M5
3
4.5
N.m
Wt
Package Weight
300
g


Similar Part No. - APTGT75X120E3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75X120BTP3 ADPOW-APTGT75X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT75X120RTP3 ADPOW-APTGT75X120RTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT75X120TE3 ADPOW-APTGT75X120TE3 Datasheet
236Kb / 3P
   3 Phase bridge Trench IGBT Power Module
More results

Similar Description - APTGT75X120E3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT100X120TE3 ADPOW-APTGT100X120TE3 Datasheet
232Kb / 3P
   3 Phase bridge Trench IGBT Power Module
APTGT100X120E3 ADPOW-APTGT100X120E3 Datasheet
225Kb / 3P
   3 Phase bridge Trench IGBT Power Module
APTGT75X120TE3 ADPOW-APTGT75X120TE3 Datasheet
236Kb / 3P
   3 Phase bridge Trench IGBT Power Module
APTGT150X120E3G ADPOW-APTGT150X120E3G Datasheet
285Kb / 5P
   3 Phase bridge Trench Field Stop IGBT Power Module
APTGT50X170BTP3 ADPOW-APTGT50X170BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT35X120BTP3 ADPOW-APTGT35X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT50X120BTP3 ADPOW-APTGT50X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT75X120BTP3 ADPOW-APTGT75X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGS75X170E3 ADPOW-APTGS75X170E3 Datasheet
214Kb / 3P
   3 Phase bridge NPT IGBT Power Module
APTGS75X170TE3 ADPOW-APTGS75X170TE3 Datasheet
220Kb / 3P
   3 Phase bridge NPT IGBT Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com