Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT35X120RTP3 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT35X120RTP3
Description  Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT35X120RTP3 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT35X120RTP3 Datasheet HTML 1Page - Advanced Power Technology APTGT35X120RTP3 Datasheet HTML 2Page - Advanced Power Technology APTGT35X120RTP3 Datasheet HTML 3Page - Advanced Power Technology APTGT35X120RTP3 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTGT35X120RTP3
APTGT35X120BTP3
APT website – http://www.advancedpower.com
1 - 4
All ratings @ Tj = 25°C unless otherwise specified
1. Absolute maximum ratings
Diode rectifier Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VRRM
Repetitive Peak Reverse Voltage
1600
V
ID
DC Forward Current
TC = 80°C
80
Tj = 25°C
320
IFSM
Surge Forward Current
tp = 10ms
Tj = 150°C
260
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APTGT35X120RTP3: Without Brake (Pin 7 & 14 not connected)
9
8
7
4
5
6
22
23
24
1
2
3
17
18
19
20
10
11
12
14 13
16 15
21
VCES = 1200V
IC = 35A @ Tc = 80°C
Application
AC Motor control
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
High level of integration
Internal thermistor for temperature monitoring
Benefits
Low conduction losses
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Input rectifier bridge + Brake
+ 3 Phase Bridge
Trench IGBT® Power Module


Similar Part No. - APTGT35X120RTP3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT35X120T3G MICROSEMI-APTGT35X120T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
More results

Similar Description - APTGT35X120RTP3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50X120BTP3 ADPOW-APTGT50X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT75X120BTP3 ADPOW-APTGT75X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT50X170BTP3 ADPOW-APTGT50X170BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGF20X60BTP2 ADPOW-APTGF20X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15X60RTP2 MICROSEMI-APTGF15X60RTP2 Datasheet
245Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGS15X120BTP2 ADPOW-APTGS15X120BTP2 Datasheet
242Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS10X120BTP2 ADPOW-APTGS10X120BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF10X60BTP2 ADPOW-APTGF10X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF15X60BTP2 ADPOW-APTGF15X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF50X60BTP3 ADPOW-APTGF50X60BTP3 Datasheet
254Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com