Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP134CNP-1R2MB-75 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP134CNP-1R2MB-75
Description  CDEP134C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134CNP-1R2MB-75 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP134CNP-1R2MB-75 Datasheet HTML 1Page - Sumida Corporation CDEP134CNP-1R2MB-75 Datasheet HTML 2Page - Sumida Corporation CDEP134CNP-1R2MB-75 Datasheet HTML 3Page - Sumida Corporation CDEP134CNP-1R2MB-75 Datasheet HTML 4Page - Sumida Corporation CDEP134CNP-1R2MB-75 Datasheet HTML 5Page - Sumida Corporation CDEP134CNP-1R2MB-75 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
13.5 ± 0.4
MAX.4.9
9.7 ± 0.3
SPECIFICATION
TYPE
CDEP134C
1.APPEARANCE
1-1.DIMENSIONS(mm)
1-2. STAMP (E.G.)
1-3. DIMENSION RECOMMENDED (mm)
2.COIL SPECIFICATION
2-1. CONNECTION(BOTTOM VIEW)
DATE CODE
0R4N
9.4
15.0
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
2


Similar Part No. - CDEP134CNP-1R2MB-75

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP134C SUMIDA-CDEP134C Datasheet
181Kb / 3P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com