Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP134CNP-4R8MC-75 Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDEP134CNP-4R8MC-75
Description  CDEP134C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134CNP-4R8MC-75 Datasheet(HTML) 5 Page - Sumida Corporation

  CDEP134CNP-4R8MC-75 Datasheet HTML 1Page - Sumida Corporation CDEP134CNP-4R8MC-75 Datasheet HTML 2Page - Sumida Corporation CDEP134CNP-4R8MC-75 Datasheet HTML 3Page - Sumida Corporation CDEP134CNP-4R8MC-75 Datasheet HTML 4Page - Sumida Corporation CDEP134CNP-4R8MC-75 Datasheet HTML 5Page - Sumida Corporation CDEP134CNP-4R8MC-75 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDEP134C
2-2.電気的特性
電気的特性- STANDARD TYPE (リール梱包の場合)
直流重畳飽和電流
(A)※3
NO.
表示
インダクタンス
[以内]
※1
D.C.R.
(mΩ)
[以下]※2
(at 20℃)
(at 20℃) (at 100℃)
温度上昇
電流
(A)
※4
△T=40℃
スミダ
コ−ド
01
CDEP134CNP-ØR4NC-1ØØ 0R4N
0.4μH±30%
1.9(1.6)
32.0
27.0
18.5
-0001
02
CDEP134CNP-ØR9MC-1ØØ
0R9M
0.9μH±20%
2.5(2.1)
21.6
18.4
17.0
-0002
03
CDEP134CNP-1R6MC-1ØØ
1R6M
1.6μH±20%
3.7(3.1)
16.0
13.8
15.0
-0003
04
CDEP134CNP-2R5MC-1ØØ
2R5M
2.5μH±20%
6.6(5.5)
12.8
11.0
10.5
-0004
05
CDEP134CNP-3R6MC-1ØØ
3R6M
3.6μH±20%
10.8(9.0)
10.9
9.1
8.0
-0005
06
CDEP134CNP-4R8MC-1ØØ
4R8M
4.8μH±20%
12.0(10.0)
9.3
8.0
7.5
-0006
07
CDEP134CNP-6R4MC-1ØØ
6R4M
6.4μH±20%
16.3(13.6)
8.0
6.8
7.0
-0007
08
CDEP134CNP-8RØMC-1ØØ
8R0M
8.0μH±20%
18.4(15.3)
7.2
6.1
6.5
-0008
電気的特性- STANDARD TYPE (箱梱包の場合)
直流重畳飽和電流
(A)※3
NO.
表示
インダクタンス
[以内]
※1
D.C.R.
(mΩ)
[以下]※2
(at 20℃)
(at 20℃) (at 100℃)
温度上昇
電流
(A)
※4
△T=40℃
スミダ
コ−ド
09
CDEP134CNP-ØR4NB-1ØØ 0R4N
0.4μH±30%
1.9(1.6)
32.0
27.0
18.5
-0009
10
CDEP134CNP-ØR9MB-1ØØ
0R9M
0.9μH±20%
2.5(2.1)
21.6
18.4
17.0
-0010
11
CDEP134CNP-1R6MB-1ØØ
1R6M
1.6μH±20%
3.7(3.1)
16.0
13.8
15.0
-0011
12
CDEP134CNP-2R5MB-1ØØ
2R5M
2.5μH±20%
6.6(5.5)
12.8
11.0
10.5
-0012
13
CDEP134CNP-3R6MB-1ØØ
3R6M
3.6μH±20%
10.8(9.0)
10.9
9.1
8.0
-0013
14
CDEP134CNP-4R8MB-1ØØ
4R8M
4.8μH±20%
12.0(10.0)
9.3
8.0
7.5
-0014
15
CDEP134CNP-6R4MB-1ØØ
6R4M
6.4μH±20%
16.3(13.6)
8.0
6.8
7.0
-0015
16
CDEP134CNP-8RØMB-1ØØ
8R0M
8.0μH±20%
18.4(15.3)
7.2
6.1
6.5
-0016
1
1


Similar Part No. - CDEP134CNP-4R8MC-75

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP134C SUMIDA-CDEP134C Datasheet
181Kb / 3P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com