Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54NP-330LB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD54NP-330LB
Description  CD54
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD54NP-330LB Datasheet(HTML) 2 Page - Sumida Corporation

  CD54NP-330LB Datasheet HTML 1Page - Sumida Corporation CD54NP-330LB Datasheet HTML 2Page - Sumida Corporation CD54NP-330LB Datasheet HTML 3Page - Sumida Corporation CD54NP-330LB Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
仕 様 書
CD54
2-2.電気的特性
NO.
表示
インダクタンス
[以内]
※1
D.C.R.
(Ω)
[以下]
(at 20℃)
定格電流
(A)
※2
S.R.F.
(MHz)
[参考値]
スミダ
コード
01
CD54NP-1
ØØMC
-0226
02
CD54NP-1
ØØMB
100
10μH±20%
0.10
1.44
30.6
-0227
03
CD54NP-12
ØMC
-0228
04
CD54NP-12
ØMB
120
12μH±20%
0.12
1.40
27.7
-0231
05
CD54NP-15
ØMC
-0232
06
CD54NP-15
ØMB
150
15μH±20%
0.14
1.30
25.9
-0233
07
CD54NP-18
ØMC
-0234
08
CD54NP-18
ØMB
180
18μH±20%
0.15
1.23
23.3
-0235
09
CD54NP-22
ØMC
-0236
10
CD54NP-22
ØMB
220
22μH±20%
0.18
1.11
19.5
-0237
11
CD54NP-27
ØMC
-0238
12
CD54NP-27
ØMB
270
27μH±20%
0.20
0.97
17.5
-0239
13
CD54NP-33
ØLC
-0240
14
CD54NP-33
ØLB
330
33μH±15%
0.23
0.88
16.3
-0242
15
CD54NP-39
ØLC
-0243
16
CD54NP-39
ØLB
390
39μH±15%
0.32
0.80
15.8
-0244
17
CD54NP-47
ØLC
-0245
18
CD54NP-47
ØLB
470
47μH±15%
0.37
0.72
13.6
-0246
19
CD54NP-56
ØKC
-0247
20
CD54NP-56
ØKB
560
56μH±10%
0.42
0.68
12.1
-0248
21
CD54NP-68
ØKC
-0249
22
CD54NP-68
ØKB
680
68μH±10%
0.46
0.61
11.7
-0250
23
CD54NP-82
ØKC
-0251
24
CD54NP-82
ØKB
820
82μH±10%
0.60
0.58
10.2
-0253
25
CD54NP-1
Ø1KC
-0254
26
CD54NP-1
Ø1KB
101
100μH±10%
0.70
0.52
9.24
-0255
27
CD54NP-121KC
-0256
28
CD54NP-121KB
121
120μH±10%
0.93
0.48
8.61
-0257
29
CD54NP-151KC
-0258
30
CD54NP-151KB
151
150μH±10%
1.10
0.40
8.28
-0259
31
CD54NP-181KC
-0260
32
CD54NP-181KB
181
180μH±10%
1.38
0.38
6.42
-0261
33
CD54NP-221KC
-0262
34
CD54NP-221KB
221
220μH±10%
1.57
0.35
5.73
-0264
* 品名表示の区分
(1) リール梱包の場合: CD54NP-XXXXC
(2) 箱梱包の場合: CD54NP-XXXXB
※1:測定周波数
10μH ~ 82μH
at 2.52 MHz
100μH ~ 220μH
at
1 kHz
※2: 定格電流は直流重畳特性に於て、インダクタンスが初期値より-10%となる電流もしくは直流電流を
流した時のコイルの発熱が△t=40℃となる電流値の少ない方の値。
(Ta=20℃を基準とする。)
3.保存温度範囲   −40℃∼+100℃           
使用温度範囲  
−40℃∼+100℃(コイルの発熱を含む。)


Similar Part No. - CD54NP-330LB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD54NP-330LC SUMIDA-CD54NP-330LC Datasheet
376Kb / 4P
   SMD Power Inductor
More results

Similar Description - CD54NP-330LB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD54 AITCOMPONENTS-CD54 Datasheet
36Kb / 1P
   CD54 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com