Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC5D20-561KC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDC5D20-561KC
Description  CDC5D20
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDC5D20-561KC Datasheet(HTML) 4 Page - Sumida Corporation

  CDC5D20-561KC Datasheet HTML 1Page - Sumida Corporation CDC5D20-561KC Datasheet HTML 2Page - Sumida Corporation CDC5D20-561KC Datasheet HTML 3Page - Sumida Corporation CDC5D20-561KC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION
TYPE
CDC5D20
2-2.ELECTRICAL CHARACTERISTICSⅠ (IN THE CASE OF REEL)
2-3.ELECTRICAL CHARACTERISTICSⅡ (IN THE CASE OF BOX)
※1 MEASURING FREQUENCY
at
100kHz
※2 (
)TYPICAL VALUE.
※3 THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER
THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH
D.C. CURRENT PASSING.(Ta=20℃)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
RATED
CURRENT
(mA)※3
D.C.R. (Ω)
MAX.
(at20℃) ※2
SUMIDA
CODE
01
02
03
04
05
CDC5D2Ø-471KC
CDC5D2Ø-561KC
CDC5D2Ø-681KC
CDC5D2Ø-821KC
CDC5D2Ø-1Ø2KC
471
561
681
821
102
470μH±10%
560μH±10%
680μH±10%
820μH±10%
1.0mH±10%
140
125
115
105
100
5.8(4.5)
7.0(5.4)
8.6(6.6)
11.0(9.0)
13.0(10.0)
4786-0003
4786-0004
4786-0005
4786-0006
4786-0007
06
07
08
CDC5D2Ø-122KC
CDC5D2Ø-152KC
CDC5D2Ø-222KC
122
152
222
1.2mH±10%
1.5mH±10%
2.2mH±10%
90
70
65
15.0(11.0)
21.0(16.0)
27.0(21.0)
4786-0008
4786-0009
4786-0010
09
10
11
CDC5D2Ø-272KC
CDC5D2Ø-332KC
CDC5D2Ø-392KC
272
332
392
2.7mH±10%
3.3mH±10%
3.9mH±10%
55
50
45
36.0(28.0)
41.0(31.0)
50.0(38.0)
4786-0011
4786-0012
4786-0013
12
13
CDC5D2Ø-472KC
CDC5D2Ø-562KC
472
562
4.7mH±10%
5.6mH±10%
40
35
62.0(47.0)
74.0(57.0)
4786-0014
4786-0015
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
RATED
CURRENT
(mA)※3
D.C.R. (Ω)
MAX.
(at20℃) ※2
SUMIDA
CODE
14
15
16
17
18
CDC5D2Ø-471KB
CDC5D2Ø-561KB
CDC5D2Ø-681KB
CDC5D2Ø-821KB
CDC5D2Ø-1Ø2KB
471
561
681
821
102
470μH±10%
560μH±10%
680μH±10%
820μH±10%
1.0mH±10%
140
125
115
105
100
5.8(4.5)
7.0(5.4)
8.6(6.6)
11.0(9.0)
13.0(10.0)
4786-0016
4786-0017
4786-0018
4786-0019
4786-0020
19
20
21
CDC5D2Ø-122KB
CDC5D2Ø-152KB
CDC5D2Ø-222KB
122
152
222
1.2mH±10%
1.5mH±10%
2.2mH±10%
90
70
65
15.0(11.0)
21.0(16.0)
27.0(21.0)
4786-0021
4786-0022
4786-0023
22
23
24
CDC5D2Ø-272KB
CDC5D2Ø-332KB
CDC5D2Ø-392KB
272
332
392
2.7mH±10%
3.3mH±10%
3.9mH±10%
55
50
45
36.0(28.0)
41.0(31.0)
50.0(38.0)
4786-0024
4786-0025
4786-0026
25
26
CDC5D2Ø-472KB
CDC5D2Ø-562KB
472
562
4.7mH±10%
5.6mH±10%
40
35
62.0(47.0)
74.0(57.0)
4786-0027
4786-0028


Similar Part No. - CDC5D20-561KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDC5D23B SUMIDA-CDC5D23B Datasheet
103Kb / 2P
   POWER INDUCTORS
CDC5D23B SUMIDA-CDC5D23B Datasheet
51Kb / 2P
   POWER INDUCTORS
CDC5D23BNP-100L SUMIDA-CDC5D23BNP-100L Datasheet
51Kb / 2P
   POWER INDUCTORS
CDC5D23BNP-100LC SUMIDA-CDC5D23BNP-100LC Datasheet
263Kb / 5P
   SMD Power Inductor
CDC5D23BNP-101K SUMIDA-CDC5D23BNP-101K Datasheet
51Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com