Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF350DU60 Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTGF350DU60
Description  Dual common source NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF350DU60 Datasheet(HTML) 6 Page - Advanced Power Technology

  APTGF350DU60 Datasheet HTML 1Page - Advanced Power Technology APTGF350DU60 Datasheet HTML 2Page - Advanced Power Technology APTGF350DU60 Datasheet HTML 3Page - Advanced Power Technology APTGF350DU60 Datasheet HTML 4Page - Advanced Power Technology APTGF350DU60 Datasheet HTML 5Page - Advanced Power Technology APTGF350DU60 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTGF350DU60
APT website – http://www.advancedpower.com
6- 6
Cies
Cres
Coes
100
1000
10000
100000
0
1020
3040
50
Capacitance vs Collector to Emitter Voltage
VCE, Collector to Emitter Voltage (V)
0
200
400
600
800
1000
1200
1400
0
200
400
600
800
Minimum Switching Safe Operating Area
VCE, Collector to Emitter Voltage (V)
0.9
0.175
0.125
0.075
0.025
0.0125
Single Pulse
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
Operating Frequency vs Collector Current
0
20
40
60
80
100
120
140
160
180
50 100 150 200 250 300 350 400 450
IC, Collector Current (A)
VCE = 400V
D = 50%
RG = 1.25Ω
TJ = 125°C
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGF350DU60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF350DU60G MICROSEMI-APTGF350DU60G Datasheet
274Kb / 6P
   Dual common source NPT IGBT Power Module
More results

Similar Description - APTGF350DU60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
244Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF180DU60TG MICROSEMI-APTGF180DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DU120T ADPOW-APTGF150DU120T Datasheet
277Kb / 5P
   Dual common source NPT IGBT Power Module
APTGF90DU60T ADPOW-APTGF90DU60T Datasheet
297Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF100DU120T ADPOW-APTGF100DU120T Datasheet
301Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DU60TG MICROSEMI-APTGF90DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF350DU60G MICROSEMI-APTGF350DU60G Datasheet
274Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180DU60T ADPOW-APTGF180DU60T Datasheet
303Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G_07 Datasheet
153Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF50DU120TG MICROSEMI-APTGF50DU120TG Datasheet
287Kb / 6P
   Dual common source NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com