Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5258B Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # MMSZ5258B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5258B Datasheet(HTML) 5 Page - Pan Jit International Inc.

  MMSZ5258B Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5258B Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5258B Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5258B Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5258B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Number: MMSZ5221B - MMSZ5259B
PAGE 5
.098 (2.50)
.110 (2.80)
.141 (3.60)
.154 (3.90)
.005 (.12) MAX.
.016 (.40) MIN.
SOD-123
OUTLINE DRAWING
Dimensions in inches and (millimeters)
© Copyright PanjIt International Inc. 2001
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability
will be accepted by the publisher for any consequence of its use.
Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
PanJit Internatioal Inc.
TEL:886-7-6213121
Fax:886-7-6213129
Internet: http://www.panjit.com.tw
email: sales@panjit.com.tw


Similar Part No. - MMSZ5258B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5258B DIODES-MMSZ5258B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Jiangsu Changjiang Elec...
MMSZ5258B JIANGSU-MMSZ5258B Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5258B MCC-MMSZ5258B Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
logo
Guangdong Kexin Industr...
MMSZ5258B KEXIN-MMSZ5258B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
Shenzhen Luguang Electr...
MMSZ5258B LUGUANG-MMSZ5258B Datasheet
197Kb / 3P
   500mW Surface Mount Zener Diode
More results

Similar Description - MMSZ5258B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com