Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF100SK120T Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF100SK120T
Description  Buck chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF100SK120T Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF100SK120T Datasheet HTML 1Page - Advanced Power Technology APTGF100SK120T Datasheet HTML 2Page - Advanced Power Technology APTGF100SK120T Datasheet HTML 3Page - Advanced Power Technology APTGF100SK120T Datasheet HTML 4Page - Advanced Power Technology APTGF100SK120T Datasheet HTML 5Page - Advanced Power Technology APTGF100SK120T Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGF100SK120T
APT website – http://www.advancedpower.com
1- 6
Application
·
AC and DC motor control
·
Switched Mode Power Supplies
Features
·
Non Punch Through (NPT) FAST IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
·
Kelvin emitter for easy drive
·
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
·
Internal thermistor for temperature monitoring
·
High level of integration
Benefits
·
Outstanding performance at high frequency
operation
·
Stable temperature behavior
·
Very rugged
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Solderable terminals both for power and signal for
easy PCB mounting
·
Easy paralleling due to positive TC of VCEsat
·
Low profile
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
0/VBU S
NTC1
OUT
Q1
VBUS
NTC2
0/VBU S SENSE
G1
E1
NTC2
OUT
OUT
E1
NTC1
VBUS
0/VBUS
SENSE
0/VBUS
SENSE
0/VBUS
G1
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
150
IC
Continuous Collector Current
Tc = 80°C
100
ICM
Pulsed Collector Current
Tc = 25°C
300
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
568
W
RBSOA Reverse Bias Safe Operating Area
Tj = 150°C
300A @ 1200V
VCES = 1200V
IC = 100A @ Tc = 80°C
Buck chopper
NPT IGBT Power Module


Similar Part No. - APTGF100SK120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF100SK120TG MICROSEMI-APTGF100SK120TG Datasheet
287Kb / 6P
   Buck chopper NPT IGBT Power Module
More results

Similar Description - APTGF100SK120T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90SK60D1 ADPOW-APTGF90SK60D1 Datasheet
169Kb / 3P
   Buck chopper NPT IGBT Power Module
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50SK120TG MICROSEMI-APTGF50SK120TG Datasheet
286Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF100SK120TG MICROSEMI-APTGF100SK120TG Datasheet
287Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF200SK120D3G MICROSEMI-APTGF200SK120D3G Datasheet
217Kb / 5P
   Buck Chopper NPT IGBT Power Module
APTGF300SK120D3G MICROSEMI-APTGF300SK120D3G Datasheet
218Kb / 5P
   Buck Chopper NPT IGBT Power Module
APTGF75SK60D1 MICROSEMI-APTGF75SK60D1 Datasheet
173Kb / 3P
   Buck Chopper NPT IGBT Power Module
APTGF180SK60TG MICROSEMI-APTGF180SK60TG Datasheet
288Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF90SK60T1G MICROSEMI-APTGF90SK60T1G Datasheet
319Kb / 6P
   Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF350SK60 ADPOW-APTGF350SK60 Datasheet
289Kb / 6P
   Buck chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com