Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF90DU60T Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGF90DU60T
Description  Dual common source NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF90DU60T Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGF90DU60T Datasheet HTML 1Page - Advanced Power Technology APTGF90DU60T Datasheet HTML 2Page - Advanced Power Technology APTGF90DU60T Datasheet HTML 3Page - Advanced Power Technology APTGF90DU60T Datasheet HTML 4Page - Advanced Power Technology APTGF90DU60T Datasheet HTML 5Page - Advanced Power Technology APTGF90DU60T Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTGF90DU60T
APT website – http://www.advancedpower.com
3- 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.3
RthJC
Junction to Case
Diode
0.65
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
4.7
N.m
Wt
Package Weight
160
g
Temperature sensor NTC
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
68
k
W
B 25/85
T25 = 298.16 K
4080
K
ú
û
ù
ê
ë
é
÷÷ø
ö
ççè
æ
-
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Package outline
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGF90DU60T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90DU60TG MICROSEMI-APTGF90DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
More results

Similar Description - APTGF90DU60T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
244Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF180DU60TG MICROSEMI-APTGF180DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DU120T ADPOW-APTGF150DU120T Datasheet
277Kb / 5P
   Dual common source NPT IGBT Power Module
APTGF350DU60 ADPOW-APTGF350DU60 Datasheet
289Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF100DU120T ADPOW-APTGF100DU120T Datasheet
301Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DU60TG MICROSEMI-APTGF90DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF350DU60G MICROSEMI-APTGF350DU60G Datasheet
274Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180DU60T ADPOW-APTGF180DU60T Datasheet
303Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G_07 Datasheet
153Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF50DU120TG MICROSEMI-APTGF50DU120TG Datasheet
287Kb / 6P
   Dual common source NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com