Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT83GU30B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT83GU30B
Description  POWER MOS 7 IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT83GU30B Datasheet(HTML) 4 Page - Advanced Power Technology

  APT83GU30B Datasheet HTML 1Page - Advanced Power Technology APT83GU30B Datasheet HTML 2Page - Advanced Power Technology APT83GU30B Datasheet HTML 3Page - Advanced Power Technology APT83GU30B Datasheet HTML 4Page - Advanced Power Technology APT83GU30B Datasheet HTML 5Page - Advanced Power Technology APT83GU30B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT83GU30B_S
T
J
= 125°C, VGE = 10V or 15V
T
J
= 25°C, VGE = 10V or 15V
VCE = 200V
RG= 20Ω
L = 100 µH
V
GE =
15V,TJ=125°C
VGE= 15V
V
GE =
15V,TJ=25°C
T
J
= 25°C, VGE = 10V or 15V
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G
, GATE RESISTANCE (OHMS)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
T
J
= 25 or 125°C,VGE = 15V
TJ=125°C, VGE=15V
T
J
= 125°C, VGE = 10V or 15V
TJ = 25°C, VGE=15V
VCE = 200V
TJ = 25°C, TJ =125°C
RG= 20Ω
L = 100 µH
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
5
10
15
20
25
30
35
40
45
50
0
25
50
75
100
125
80
70
60
50
40
30
20
10
0
80
70
60
50
40
30
20
10
0
1000
800
600
400
200
0
2000
1500
1000
500
0
R
G
= 20
Ω, L = 100µH, V
CE = 200V
400
350
300
250
200
150
100
50
0
250
200
150
100
50
0
1600
1400
1200
1000
800
600
400
200
0
2000
1500
1000
500
0
VCE = 200V
L = 100 µH
RG = 20Ω
VCE = 200V
L = 100 µH
RG = 20Ω
VCE = 200V
VGE = +15V
T
J = 125°C
Eon222.5A
Eoff 45A
Eon245A
Eon290A
Eoff 90A
Eoff22.5A
VCE = 200V
VGE = +15V
RG = 20Ω
Eon222.5A
Eoff45A
Eon245A
Eon290A
Eoff90A
Eoff22.5A
R
G
= 20
Ω, L = 100µH, V
CE = 200V


Similar Part No. - APT83GU30B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT80-101DN ISC-APT80-101DN Datasheet
312Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT8011 ADPOW-APT8011 Datasheet
71Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT8011 ADPOW-APT8011 Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT8011JFLL ADPOW-APT8011JFLL Datasheet
71Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Microsemi Corporation
APT8011JFLL MICROSEMI-APT8011JFLL Datasheet
270Kb / 5P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results

Similar Description - APT83GU30B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com