Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG2010 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PG2010
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG2010 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PG2010 Datasheet HTML 1Page - Pan Jit International Inc. PG2010 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
PG200 THRU PG2010
10
1.0
0.1
.01
0
.2
.4
.6
.8
1.0
1.2
T
J = 25
¢J
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
70
56
42
28
14
0
1
2
4
6 8 10
20
40 60 80 100
NUMBER OF CYCLES AT 60Hz
Fig. 1-TYPICAL FORWARD CHARACTERISTICS
Fig. 2-PEAK FORWARD SURGE CURRENT
2.4
2.0
1.4
1.2
0.8
0.4
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE
LOAD .375" 9.5mm
LEAD LENGTHS
AMBIENT TEMPERATURE, ¢J
100
10
1
1
4
10
100
T
J = 25 ¢J
REVERSE VOLTAGE, VOLTS
Fig. 3-FORWARD CURRENT DERATING CURVE
Fig. 4-TYPICAL JUNCTION CAPACITANCE


Similar Part No. - PG2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PG2010 ETC1-PG2010 Datasheet
415Kb / 3P
   2 AMP / NPN-PNP Pirgo silicon planar power transistors
logo
Pan Jit International I...
PG2010 PANJIT-PG2010 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG2010 PANJIT-PG2010 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
PG2010 ZSELEC-PG2010 Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
PG2010-AU PANJIT-PG2010-AU Datasheet
337Kb / 5P
   General Purpose Rectifier
May 13,2021 PG2010-AU-REV.00
More results

Similar Description - PG2010

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Pan Jit International I...
PG5400 PANJIT-PG5400 Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PG150 PANJIT-PG150 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG5391 PANJIT-PG5391 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Rectron Semiconductor
RL151G RECTRON-RL151G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
GOOD-ARK Electronics
RL201G GOOD-ARK-RL201G_15 Datasheet
105Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
DR200G GOOD-ARK-DR200G_15 Datasheet
142Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Pan Jit International I...
PG600A PANJIT-PG600A Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PG200R PANJIT-PG200R Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com