Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT55M85B2FLL Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT55M85B2FLL
Description  POWER MOS 7 FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT55M85B2FLL Datasheet(HTML) 2 Page - Advanced Power Technology

  APT55M85B2FLL Datasheet HTML 1Page - Advanced Power Technology APT55M85B2FLL Datasheet HTML 2Page - Advanced Power Technology APT55M85B2FLL Datasheet HTML 3Page - Advanced Power Technology APT55M85B2FLL Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.20
0.16
0.12
0.8
0.04
0
0.5
0.1
0.3
0.7
0.9
0.05
DYNAMIC CHARACTERISTICS
APT55M85 B2FLL - LFLL
1 Repetitive Rating: Pulse width limited by maximum junction
temperature
2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (VGS = 0V, IS = -59A)
Peak Diode Recovery dv/dt 5
Reverse Recovery Time
(IS = -59A, di/dt = 100A/µs)
Reverse Recovery Charge
(IS = -59A, di/dt = 100A/µs)
Peak Recovery Current
(IS = -59A, di/dt = 100A/µs)
Symbol
IS
ISM
VSD
dv/
dt
trr
Qrr
IRRM
UNIT
Amps
Volts
V/ns
ns
µC
Amps
Symbol
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
t r
td(off)
tf
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
VGS = 0V
VDS = 25V
f = 1 MHz
VGS = 10V
VDD = 275V
ID = 59A @ 25°C
VGS = 15V
VDD = 275V
ID = 59A @ 25°C
RG = 0.6Ω
MIN
TYP
MAX
6590
1296
91
157
38
86
19
14
41
6
UNIT
pF
nC
ns
MIN
TYP
MAX
59
236
1.3
15
Tj = 25°C
270
Tj = 125°C
540
Tj = 25°C
1.8
Tj = 125°C
6.2
Tj = 25°C
16
Tj = 125°C
29
THERMAL CHARACTERISTICS
Symbol
RθJC
RθJA
MIN
TYP
MAX
0.18
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
4 Starting Tj = +25°C, L = 1.72mH, RG = 25Ω, Peak IL = 59A
5 dv
/dt numbers reflect the limitations of the test circuit rather than the
device itself. I
S
-I
D
59A di
/dt ≤ 700A/µs V
R
V
DSS
T
J
150
°C


Similar Part No. - APT55M85B2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT55M85JFLL ADPOW-APT55M85JFLL Datasheet
71Kb / 4P
   POWER MOS 7 FREDFET
More results

Similar Description - APT55M85B2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5010JFLL ADPOW-APT5010JFLL_04 Datasheet
175Kb / 5P
   POWER MOS 7 FREDFET
APT55M65L2FLL ADPOW-APT55M65L2FLL Datasheet
163Kb / 5P
   POWER MOS 7 FREDFET
APT1204R7BFLL ADPOW-APT1204R7BFLL Datasheet
121Kb / 4P
   POWER MOS 7 FREDFET
APT11044JFLL ADPOW-APT11044JFLL Datasheet
102Kb / 5P
   POWER MOS 7 FREDFET
APT5510JFLL ADPOW-APT5510JFLL Datasheet
94Kb / 5P
   POWER MOS 7 FREDFET
APT1201R4BFLL ADPOW-APT1201R4BFLL Datasheet
124Kb / 4P
   POWER MOS 7 FREDFET
APT11026JFLL ADPOW-APT11026JFLL Datasheet
39Kb / 2P
   POWER MOS 7 FREDFET
APT20M11JFLL ADPOW-APT20M11JFLL Datasheet
171Kb / 5P
   POWER MOS 7 FREDFET
APT30M30B2FLL ADPOW-APT30M30B2FLL Datasheet
154Kb / 5P
   POWER MOS 7 FREDFET
APT30M75BFLL ADPOW-APT30M75BFLL Datasheet
69Kb / 4P
   POWER MOS 7 FREDFET
APT20M16B2FLL ADPOW-APT20M16B2FLL_04 Datasheet
165Kb / 5P
   POWER MOS 7 FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com