Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT55M65L2FLL Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT55M65L2FLL
Description  POWER MOS 7 FREDFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT55M65L2FLL Datasheet(HTML) 3 Page - Advanced Power Technology

  APT55M65L2FLL Datasheet HTML 1Page - Advanced Power Technology APT55M65L2FLL Datasheet HTML 2Page - Advanced Power Technology APT55M65L2FLL Datasheet HTML 3Page - Advanced Power Technology APT55M65L2FLL Datasheet HTML 4Page - Advanced Power Technology APT55M65L2FLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT55M65L2FLL
5.5V
6.5V
4.5V
5V
VGS=10V
VGS=20V
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE4, TRANSFERCHARACTERISTICS
FIGURE 5, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE
FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE8,ON-RESISTANCEvs.TEMPERATURE
FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE
4V
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
0
20
40
60
80 100 120 140 160 180
25
50
75
100
125
150
-50 -25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
180
160
140
120
100
80
60
40
20
0
80
70
60
50
40
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0.0
I
D = 39A
V
GS = 10V
NORMALIZED TO
V
GS = 10V @ 39A
200
180
160
140
120
100
80
60
40
20
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
0.85
1.2
1.1
1.0
0.9
0.8
0.7
0.6
6V
VGS =15 & 10V
0.0425
0.0973
0.0291F
0.528F
Power
(watts)
RC MODEL
Junction
temp. (
°C)
Case temperature. (
°C)


Similar Part No. - APT55M65L2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT55M65JFLL ADPOW-APT55M65JFLL Datasheet
169Kb / 5P
   POWER MOS 7 FREDFET
More results

Similar Description - APT55M65L2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5010JFLL ADPOW-APT5010JFLL_04 Datasheet
175Kb / 5P
   POWER MOS 7 FREDFET
APT1204R7BFLL ADPOW-APT1204R7BFLL Datasheet
121Kb / 4P
   POWER MOS 7 FREDFET
APT11044JFLL ADPOW-APT11044JFLL Datasheet
102Kb / 5P
   POWER MOS 7 FREDFET
APT5510JFLL ADPOW-APT5510JFLL Datasheet
94Kb / 5P
   POWER MOS 7 FREDFET
APT1201R4BFLL ADPOW-APT1201R4BFLL Datasheet
124Kb / 4P
   POWER MOS 7 FREDFET
APT11026JFLL ADPOW-APT11026JFLL Datasheet
39Kb / 2P
   POWER MOS 7 FREDFET
APT20M11JFLL ADPOW-APT20M11JFLL Datasheet
171Kb / 5P
   POWER MOS 7 FREDFET
APT30M30B2FLL ADPOW-APT30M30B2FLL Datasheet
154Kb / 5P
   POWER MOS 7 FREDFET
APT30M75BFLL ADPOW-APT30M75BFLL Datasheet
69Kb / 4P
   POWER MOS 7 FREDFET
APT20M16B2FLL ADPOW-APT20M16B2FLL_04 Datasheet
165Kb / 5P
   POWER MOS 7 FREDFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com