Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT50GP60B2DQ2 Datasheet(PDF) 8 Page - Advanced Power Technology

Part # APT50GP60B2DQ2
Description  POWER MOS 7 IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GP60B2DQ2 Datasheet(HTML) 8 Page - Advanced Power Technology

  APT50GP60B2DQ2 Datasheet HTML 1Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 2Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 3Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 4Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 5Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 6Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 7Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 8Page - Advanced Power Technology APT50GP60B2DQ2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
APT50GP60B2DQ2(G)
TJ = 125°C
VR = 400V
20A
40A
80A
180
160
140
120
100
80
60
40
20
0
25
20
15
10
5
0
Duty cycle = 0.5
TJ = 175°C
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200
80
70
60
50
40
30
20
10
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 29. Dynamic Parameters vs. Junction Temperature
Figure 30. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 31. Junction Capacitance vs. Reverse Voltage
T
J = 175°C
T
J = -55°C
T
J = 25°C
T
J = 125°C
TJ = 125°C
VR = 400V
80A
20A
40A
0
0.5
1
1.5
2
2.5
3
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000
1200
120
100
80
60
40
20
0
1400
1200
1000
800
600
400
200
0
TJ = 125°C
VR = 400V
80A
40A
20A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
200
180
160
140
120
100
80
60
40
20
0
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 25. Forward Current vs. Forward Voltage
Figure 26. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 27. Reverse Recovery Charge vs. Current Rate of Change
Figure 28. Reverse Recovery Current vs. Current Rate of Change


Similar Part No. - APT50GP60B2DQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GP60B2DF2 ADPOW-APT50GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
More results

Similar Description - APT50GP60B2DQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com