Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT47N60SCF Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT47N60SCF
Description  Super Junction FREDFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT47N60SCF Datasheet(HTML) 2 Page - Advanced Power Technology

  APT47N60SCF Datasheet HTML 1Page - Advanced Power Technology APT47N60SCF Datasheet HTML 2Page - Advanced Power Technology APT47N60SCF Datasheet HTML 3Page - Advanced Power Technology APT47N60SCF Datasheet HTML 4Page - Advanced Power Technology APT47N60SCF Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DYNAMIC CHARACTERISTICS
APT47N60BCF_SCF(G)
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
D = 0.9
0.05
FINAL DATA SHEET WITH MOS 7 FORMAT
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 4 (V
GS = 0V, IS = -46A)
Peak Diode Recovery dv/
dt
7
Reverse Recovery Time
(I
S = -46A,
di/
dt = 100A/µs)
Reverse Recovery Charge
(I
S = -46A,
di/
dt = 100A/µs)
Peak Recovery Current
(I
S = -46A,
di/
dt = 100A/µs)
Symbol
I
S
I
SM
V
SD
dv/
dt
t
rr
Q
rr
I
RRM
UNIT
Amps
Volts
V/ns
ns
µC
Amps
MIN
TYP
MAX
46
115
1.2
40
210
350
2.0
5.4
18
28
Symbol
RθJC
RθJA
MIN
TYP
MAX
0.30
62
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
1 Repetitive Rating: Pulse width limited by maximum junction
temperature
2 Repetitive avalanche causes additional power losses that can
be calculated as
PAV = EAR*f
3 Starting T
j = +25°C, L = 36.0mH, RG = 25Ω, Peak IL = 10A
APT Reserves the right to change, without notice, the specifications and information contained herein.
T
j = 25°C
T
j = 125°C
T
j = 25°C
T
j = 125°C
T
j = 25°C
T
j = 125°C
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
on
E
off
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 5
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy 6
Turn-off Switching Energy
Turn-on Switching Energy 6
Turn-off Switching Energy
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 10V
V
DD = 300V
I
D = 46A @ 25°C
RESISTIVE SWITCHING
V
GS = 15V
V
DD = 380V
I
D = 46A @ 25°C
R
G = 3.6Ω
INDUCTIVE SWITCHING @ 25°C
V
DD = 400V, VGS = 15V
I
D = 46A, RG = 4.3Ω
INDUCTIVE SWITCHING @ 125°C
V
DD = 400V, VGS = 15V
I
D = 46A, RG = 4.3Ω
4 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2%
5 See MIL-STD-750 Method 3471
6 Eon includes diode reverse recovery. See figures 18, 20.
7 Maximum 125°C diode commutation speed = di/dt 600A/µs
MIN
TYP
MAX
7290
1735
41
255
43
135
30
30
100
15
885
590
1270
725
UNIT
pF
nC
ns
µJ


Similar Part No. - APT47N60SCF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT47N60SC3 ADPOW-APT47N60SC3 Datasheet
173Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT47N60SC3 MICROSEMI-APT47N60SC3 Datasheet
218Kb / 5P
   Super Junction MOSFET
APT47N60SC3G MICROSEMI-APT47N60SC3G Datasheet
218Kb / 5P
   Super Junction MOSFET
More results

Similar Description - APT47N60SCF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40N60B2CF ADPOW-APT40N60B2CF Datasheet
191Kb / 5P
   Super Junction FREDFET
logo
Microsemi Corporation
APT40N60B2CF MICROSEMI-APT40N60B2CF Datasheet
317Kb / 5P
   Super Junction FREDFET
logo
Advanced Power Technolo...
APT20N60BCF ADPOW-APT20N60BCF Datasheet
190Kb / 5P
   Super Junction FREDFET
logo
Microsemi Corporation
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
   Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
   Super Junction MOSFET
logo
Advanced Power Technolo...
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
   Super Junction MOSFET
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT36N90BC3G MICROSEMI-APT36N90BC3G Datasheet
142Kb / 5P
   Super Junction MOSFET
APT94N65B2C3 MICROSEMI-APT94N65B2C3 Datasheet
152Kb / 5P
   Super Junction MOSFET
APT77N60BC6 MICROSEMI-APT77N60BC6 Datasheet
150Kb / 5P
   Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com