Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT40N60B2CFG Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT40N60B2CFG
Description  Super Junction FREDFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40N60B2CFG Datasheet(HTML) 4 Page - Advanced Power Technology

  APT40N60B2CFG Datasheet HTML 1Page - Advanced Power Technology APT40N60B2CFG Datasheet HTML 2Page - Advanced Power Technology APT40N60B2CFG Datasheet HTML 3Page - Advanced Power Technology APT40N60B2CFG Datasheet HTML 4Page - Advanced Power Technology APT40N60B2CFG Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT40N60B2CF(G)_LCF(G)
Scope pics are placed with the place command
and then scaled to 50%
Scope pics are placed with the place command
and then scaled to 50%
T
C =+25°C
T
J =+150°C
SINGLE PULSE
OPERATION HERE
LIMITED BY RDS (ON)
C
rss
C
iss
C
oss
80
10
5
1
16
12
8
4
0
30,000
10,000
1,000
100
10
200
100
10
1
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Q
g, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
100µS
1mS
10mS
80
70
60
50
40
30
20
10
0
2500
2000
1500
1000
500
0
E
on
E
off
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
I
D (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
T
J =+150°C
T
J =+25°C
V
DS=300V
V
DS=120V
V
DS=480V
ID = 40A
t
d(on)
t
d(off)
VDD = 400V
RG = 5Ω
TJ = 125°C
L = 100µH
VDD = 400V
RG = 5Ω
TJ = 125°C
L = 100µH
Eon includes
diode reverse recovery.
VDD = 400V
RG = 5Ω
TJ = 125°C
L = 100µH
t
r
t
f
180
160
140
120
100
80
60
40
20
0
2500
2000
1500
1000
500
0
VDD = 400V
ID = 40A
TJ = 125°C
L = 100µH
Eon includes
diode reverse recovery.
E
on
E
off
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
1
10
100
600
0
10
20
30
40
50
0
50
100
150
200
250
300
0.3
0.5
0.7
0.9
1.1
1.3
1.5


Similar Part No. - APT40N60B2CFG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT40N60B2CFG MICROSEMI-APT40N60B2CFG Datasheet
317Kb / 5P
   Super Junction FREDFET
More results

Similar Description - APT40N60B2CFG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT40N60B2CF MICROSEMI-APT40N60B2CF Datasheet
317Kb / 5P
   Super Junction FREDFET
logo
Advanced Power Technolo...
APT47N60BCF ADPOW-APT47N60BCF Datasheet
402Kb / 5P
   Super Junction FREDFET
APT20N60BCF ADPOW-APT20N60BCF Datasheet
190Kb / 5P
   Super Junction FREDFET
logo
Microsemi Corporation
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
   Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
   Super Junction MOSFET
logo
Advanced Power Technolo...
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
   Super Junction MOSFET
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT36N90BC3G MICROSEMI-APT36N90BC3G Datasheet
142Kb / 5P
   Super Junction MOSFET
APT94N65B2C3 MICROSEMI-APT94N65B2C3 Datasheet
152Kb / 5P
   Super Junction MOSFET
APT77N60BC6 MICROSEMI-APT77N60BC6 Datasheet
150Kb / 5P
   Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com