Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT40M70LVFR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT40M70LVFR
Description  POWER MOS V FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40M70LVFR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT40M70LVFR Datasheet HTML 1Page - Advanced Power Technology APT40M70LVFR Datasheet HTML 2Page - Advanced Power Technology APT40M70LVFR Datasheet HTML 3Page - Advanced Power Technology APT40M70LVFR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
APT40M70B2_LVFR(G)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMALCHARACTERISTICS
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (VGS = 0V, IS = -57A)
Peak Diode Recovery dv/dt 5
Reverse Recovery Time
(IS = -57A, di/dt = 100A/µs)
Reverse Recovery Charge
(IS = -57A, di/dt = 100A/µs)
Peak Recovery Current
(IS = -57A, di/dt = 100A/µs)
Symbol
IS
ISM
VSD
dv/dt
trr
Qrr
IRRM
UNIT
Amps
Volts
V/ns
ns
µC
Amps
MIN
TYP
MAX
57
228
1.3
15
Tj = 25°C
250
Tj = 125°C
500
Tj = 25°C
1.6
Tj = 125°C
5.5
Tj = 25°C
15
Tj = 125°C
27
Symbol
RθJC
RθJA
MIN
TYP
MAX
0.24
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
1 Repetitive Rating: Pulse width limited by maximum junction
temperature
2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
4 Starting Tj = +25°C, L = 1.54mH, RG = 25Ω, Peak IL = 57A
5 dv
/dt numbers reflect the limitations of the test circuit rather than the
device itself. I
S -ID57A
di/dt ≤ 700A/µs V
R ≤400V
T
J ≤ 150°C
APT Reserves the right to change, without notice, the specifications and information contained herein.
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 10V
V
DD = 200V
I
D = 57A @ 25°C
V
GS = 15V
V
DD = 200V
I
D = 57A @ 25°C
R
G = 0.6Ω
MIN
TYP
MAX
7410
8890
1140
1600
450
675
330
495
40
40
125
190
16
32
16
32
55
80
510
UNIT
pF
nC
ns
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULARPULSEDURATION(SECONDS)
FIGURE1,MAXIMUMEFFECTIVETRANSIENTTHERMALIMPEDANCE,JUNCTION-TO-CASEvsPULSEDURATION
0.3
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.1
SINGLE PULSE
0.02
0.05
0.2
D=0.5
0.01


Similar Part No. - APT40M70LVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40M70LVR ADPOW-APT40M70LVR Datasheet
62Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
logo
Inchange Semiconductor ...
APT40M70LVR ISC-APT40M70LVR Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT40M70LVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT60M80L2VFR ADPOW-APT60M80L2VFR Datasheet
164Kb / 5P
   POWER MOS V FREDFET
APT5015BVFR ADPOW-APT5015BVFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT4014BVFR ADPOW-APT4014BVFR Datasheet
73Kb / 4P
   POWER MOS V FREDFET
APT20M18B2VFR ADPOW-APT20M18B2VFR_04 Datasheet
155Kb / 4P
   POWER MOS V FREDFET
APT14050JVFR ADPOW-APT14050JVFR Datasheet
135Kb / 4P
   POWER MOS V FREDFET
APT40M35JVFR ADPOW-APT40M35JVFR Datasheet
120Kb / 4P
   POWER MOS V FREDFET
APT60M75JVFR ADPOW-APT60M75JVFR Datasheet
948Kb / 4P
   POWER MOS V FREDFET
APT1001RBVFR ADPOW-APT1001RBVFR Datasheet
123Kb / 4P
   POWER MOS V FREDFET
APT6020B2VFR ADPOW-APT6020B2VFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT6040BVFR ADPOW-APT6040BVFR Datasheet
150Kb / 4P
   POWER MOS V FREDFET
APT12040JVFR ADPOW-APT12040JVFR Datasheet
126Kb / 4P
   POWER MOS V FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com