Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT40M35JVFR Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT40M35JVFR
Description  POWER MOS V FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40M35JVFR Datasheet(HTML) 3 Page - Advanced Power Technology

  APT40M35JVFR Datasheet HTML 1Page - Advanced Power Technology APT40M35JVFR Datasheet HTML 2Page - Advanced Power Technology APT40M35JVFR Datasheet HTML 3Page - Advanced Power Technology APT40M35JVFR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS
FIGURE 5, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
APT40M35JVFR
0
40
80
120
160
200
0
1
2
3
4
5
0
2468
0
40
80
120
160
200
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
I
D = 0.5 ID [Cont.]
V
GS = 10V
200
160
120
80
40
0
1.15
1.10
1.05
1.00
0.95
0.90
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
200
160
120
80
40
0
200
160
120
80
40
0
100
80
60
40
20
0
2.5
2.0
1.5
1.0
0.5
0.0
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
VGS=10V
VGS=20V
VGS=6.5V, 7V, 10V & 15V
6V
5.5V
4.5V
5V
VGS=15V
10V
TJ = -55°C
TJ = +125°C
TJ = +125°C
TJ = +25°C
TJ = -55°C
NORMALIZED TO
V
GS = 10V @ 0.5 ID [Cont.]
7V
6.5V
6V
5.5V
4.5V
5V


Similar Part No. - APT40M35JVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40M35JVR ADPOW-APT40M35JVR Datasheet
72Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results

Similar Description - APT40M35JVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT60M80L2VFR ADPOW-APT60M80L2VFR Datasheet
164Kb / 5P
   POWER MOS V FREDFET
APT5015BVFR ADPOW-APT5015BVFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT4014BVFR ADPOW-APT4014BVFR Datasheet
73Kb / 4P
   POWER MOS V FREDFET
APT20M18B2VFR ADPOW-APT20M18B2VFR_04 Datasheet
155Kb / 4P
   POWER MOS V FREDFET
APT14050JVFR ADPOW-APT14050JVFR Datasheet
135Kb / 4P
   POWER MOS V FREDFET
APT60M75JVFR ADPOW-APT60M75JVFR Datasheet
948Kb / 4P
   POWER MOS V FREDFET
APT1001RBVFR ADPOW-APT1001RBVFR Datasheet
123Kb / 4P
   POWER MOS V FREDFET
APT6020B2VFR ADPOW-APT6020B2VFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT6040BVFR ADPOW-APT6040BVFR Datasheet
150Kb / 4P
   POWER MOS V FREDFET
APT12040JVFR ADPOW-APT12040JVFR Datasheet
126Kb / 4P
   POWER MOS V FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com