Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT40GP60B2DQ2G Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT40GP60B2DQ2G
Description  POWER MOS 7 IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60B2DQ2G Datasheet(HTML) 5 Page - Advanced Power Technology

  APT40GP60B2DQ2G Datasheet HTML 1Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 2Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 3Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 4Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 5Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 6Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 7Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 8Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APT40GP60B2DQ2(G)
TYPICAL PERFORMANCE CURVES
0.25
0.20
0.15
0.10
0.05
0
0.3
0.9
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
10,000
1,000
500
100
50
10
180
160
140
120
100
80
60
40
20
0
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
V
CE, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18,Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100
200
300 400
500
600 700
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
20
30
40
50
60
70
80
I
C, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
TJ = 125°C
TC = 75°C
D = 50 %
VCE = 400V
RG = 5Ω
260
100
50
10
C
oes
C
res
0.5
0.1
0.05
F
max
= min (f
max, fmax2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - Pcond
E
on2 + Eoff
f
max2 =
P
diss =
T
J - TC
RθJC
C
ies
0.0106
0.0868
0.133
0.00663F
0.0106F
0.262F
Power
(watts)
Junction
temp. (°C)
RC MODEL
Case temperature. (°C)
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:


Similar Part No. - APT40GP60B2DQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
More results

Similar Description - APT40GP60B2DQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com