Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT40GP60B2DQ2G Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT40GP60B2DQ2G
Description  POWER MOS 7 IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60B2DQ2G Datasheet(HTML) 4 Page - Advanced Power Technology

  APT40GP60B2DQ2G Datasheet HTML 1Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 2Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 3Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 4Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 5Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 6Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 7Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 8Page - Advanced Power Technology APT40GP60B2DQ2G Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APT40GP60B2DQ2(G)
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 5Ω
L = 100 µH
V
CE = 400V
T
J = 25°C, TJ =125°C
R
G = 5Ω
L = 100 µH
V
GE = 15V
T
J = 25 or 125°C,VGE = 15V
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
90
0
20
40
60
80
100
0
10
20
30
40
50
0
25
50
75
100
125
R
G = 5Ω, L = 100µH, VCE = 400V
25
20
15
10
5
0
80
70
60
50
40
30
20
10
0
3000
2500
2000
1500
1000
500
0
4000
3500
3000
2500
2000
1500
1000
500
0
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
R
G = 5Ω, L = 100µH, VCE = 400V
VCE = 400V
VGE = +15V
RG = 5Ω
T
J = 125°C,VGE =15V
T
J = 25°C,VGE =15V
VCE = 400V
VGE = +15V
RG = 5Ω
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
100
80
60
40
20
0
100
80
60
40
20
0
2000
1500
1000
500
0
3000
2500
2000
1500
1000
500
0
E
on2,80A
E
off,80A
E
on2,40A
E
off,40A
E
on2,20A
E
off,20A
VCE = 400V
VGE = +15V
TJ = 125°C
VCE = 400V
VGE = +15V
RG = 5Ω
E
on2,80A
E
off,80A
E
off,40A
E
on2,40A
E
on2,20A
E
off,20A


Similar Part No. - APT40GP60B2DQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
More results

Similar Description - APT40GP60B2DQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com