Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66512P Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M66512P
Description  LASER-DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66512P Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M66512P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
MITSUBISHI
〈DIGITAL ASSP〉
M66512P/FP
LASER-DIODE DRIVER
NOTE 6: MEASURING CIRCUIT
NOTE 7: MEASURING CIRCUIT
TIMING CHART
TIMING CHART
NOTE 8: MEASURING CIRCUIT
TIMING CHART
VL1, VL2
50%
50%
10%
90%
ILD
VIH
VIL
ILD(H)
ILD(L)
tRP1
tRP1
50%
50%
MO=10%
CO=1.5V
IPD(H)
VOL
tRP2,
tRP3
tRP2,
tRP3
VOH
IPD(T)( V )
IPD(L)
MO=90%
CO=1.5V
|
IPD|
|
IPD|
IPD
MO,CO
(
V ): IPD gained at the moment CO output is inverted.
VOFF
1.5V
10%
90%
ILD
3V
0V
ILD(H)
ILD(L)
tOFF
tON
1.5V
VL1
VL2
VCC
1RC
2RC
1RM
2RM
RO
PD
LD
DATA
GND
P.G.
tr=tf=6ns
50
5V
ILD
Oscilloscope
(input)
Oscilloscope
(output)
Current probe
Other pins are opend
20
560
560
VL1
VL2
VCC
1RC
2RC
1RM
2RM
RO
PD
CO
DATA
GND
P.G.
tr=tf=6ns
5V
IPD
Oscilloscope
(input)
Oscilloscope
(output)
Current probe
Other pins are opend
RM
MO
560
560
50
20
VL1
VL2
VCC
1RC
2RC
1RM
2RM
RO
PD
LD
DATA
GND
P.G.
tr=tf=6ns
5V
ILD
Oscilloscope
(input)
Oscilloscope
(output)
Current probe
Other pins are opend
VOFF
560
560
50
20


Similar Part No. - M66512P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510 MITSUBISHI-M66510 Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510FP MITSUBISHI-M66510FP Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66515 MITSUBISHI-M66515 Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
More results

Similar Description - M66512P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com