Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66512P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M66512P
Description  LASER-DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66512P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M66512P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
MITSUBISHI
〈DIGITAL ASSP〉
M66512P/FP
LASER-DIODE DRIVER
OPERATION
1. Setting for Laser Drive Current
The M66512 has 3 built-in constant current sources, IL1, IL2,
and IL3. Each output current can be controlled independently.
The following (1) to (3) describe the method for how to set
IL1,IL2, and IL3.
(1) IL1 setting method
The value of IL1 is determined by the voltage on the VL1
pin and the resistor (RC1) connected between the 1RC
pin and GND. The following equation is used for approxi-
mation.
VL1[V]
RC1 [k
Ω]
provided that 0
≤VL1≤VCC–1.8V and IL1(max.) =60mA
(2) IL2 setting method
The value of IL2 is determined by the voltage on the VL2
pin and the resistor (RC2) connected between the 2RC
pin and GND. The following equation is used for approxi-
mation.
VL2[V]
RC2 [k
Ω]
provided that 0
≤VL2≤VCC–1.8V and IL2(max.) =30mA
(3) IL3 setting method
The value of IL3 is determined by the internal reference
voltage (Vref) and the resistor (RC3) connected between
the 3RC pin and GND. The following equation is used for
approximation.
Vref[V]
RC3 [k
Ω]
provided that Vref =1.4V (typ.) and IL3(max.) =30mA
Note: Each of the above equations is a typical on for ob-
taining IL1–IL3. In practice values vary by a few per-
cent due to some reasons such as differences of
ICs from lot to lot and variations in operation tem-
peratures.
2. Switching Operation
The laser turns on if DATA =“L”. The laser drive current at that
moment is IL1 +IL2 + IL3.
If DATA = “H” the laser is turned off, and the laser drive cur-
rent is almost zero irrespective of the values of IL1 to IL3.
3. Use of the VOFF Input
When DATA = “H” the current flowing through the laser is zero
so the laser is turned off, but the internal current sources are
in operation.
When VOFF = “L” in contrast, the internal current sources are
turned off. Accordingly, it is possible to prevent an excessive
current from flowing through the laser by, for example, fixing
the VOFF input to “L” until VCC, after turned on, reaches
3.5V(typ.). (See the section dealing with internal reset.)
4. Laser Power Monitoring Operation
At the MO and CO pins, the M66512 outputs data obtained
by the monitoring photodiode (PD) contained in the laser, in
the sequence explained below.
(1) A current equal to the PD current generated by laser light
flows through the resistor (RM) connected between 1RM
and 2RM. Then, a potential difference (VM) proportional to
the output of laser light occurs at RM.
(2) The VM is output at the MO pin as an analog signal
through a buffer amp. At the same time, VM is compared
with the internal reference voltage Vref(1.4V typ.) by the
comparator, thence the result of the comparison is output
at the CO pin in TTL level.
IL1 [mA] = 12
×
IL2[mA] = 6
×
IL3[mA] = 10
×
Condition
CO output
VM<Vref
“L”
VM>Vref
“H”
A Schematic Diagram of Monitor Circuits
LD
PD
RM
VM
Vref
+
_
_
+
MO output
CO output
Buffer amp
Comparator


Similar Part No. - M66512P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510 MITSUBISHI-M66510 Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510FP MITSUBISHI-M66510FP Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66515 MITSUBISHI-M66515 Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
More results

Similar Description - M66512P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com