Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT100GT60JR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT100GT60JR
Description  Thunderbolt IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT100GT60JR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT100GT60JR Datasheet HTML 1Page - Advanced Power Technology APT100GT60JR Datasheet HTML 2Page - Advanced Power Technology APT100GT60JR Datasheet HTML 3Page - Advanced Power Technology APT100GT60JR Datasheet HTML 4Page - Advanced Power Technology APT100GT60JR Datasheet HTML 5Page - Advanced Power Technology APT100GT60JR Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT100GT60JR
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 4.3Ω
L = 100µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
VCE = 400V
VGE = +15V
RG = 4.3Ω
R
G = 4.3Ω, L = 100µH, VCE = 400V
V
CE = 400V
T
J = 25°C, or 125°C
R
G = 4.3Ω
L = 100µH
35
30
25
20
15
10
5
0
250
200
150
100
50
0
16000
14000
12000
10000
8000
6000
4000
2000
0
35000
30000
25000
20000
15000
10000
5000
0
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
T
J = 25°C, VGE = 15V
T
J = 125°C
T
J = 25°C
VCE = 400V
VGE = +15V
RG = 4.3Ω
T
J = 125°C
T
J = 25°C
0
25 50 75 100 125 150 175 200 225
0
25 50 75 100 125 150 175 200 225
0
25 50 75 100 125 150 175 200 225
0
25 50 75 100 125 150 175 200 225
0
25 50 75 100 125 150 175 200 225
0
25 50 70 100 125 150 175 200 225
0
10
20
30
40
50
0
25
50
75
100
125
R
G = 4.3Ω, L = 100µH, VCE = 400V
450
400
350
300
250
200
150
100
50
0
200
180
160
140
120
100
80
60
40
20
0
12000
10000
8000
6000
4000
2000
0
16000
14000
12000
10000
8000
6000
4000
2000
0
VCE = 400V
VGE = +15V
RG = 4.3Ω
E
off,200A
E
on2,200A
E
off,100A
E
on2,100A
E
off,50A
E
on2,50A
VCE = 400V
VGE = +15V
TJ = 125°C
E
off,200A
E
on2,200A
E
off,100A
E
on2,100A
E
off,50A
E
on2,50A


Similar Part No. - APT100GT60JR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
   Resonant Mode Combi IGBT
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT100GT60JR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com