Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT100GN120J Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT100GN120J
Description  IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT100GN120J Datasheet(HTML) 4 Page - Advanced Power Technology

  APT100GN120J Datasheet HTML 1Page - Advanced Power Technology APT100GN120J Datasheet HTML 2Page - Advanced Power Technology APT100GN120J Datasheet HTML 3Page - Advanced Power Technology APT100GN120J Datasheet HTML 4Page - Advanced Power Technology APT100GN120J Datasheet HTML 5Page - Advanced Power Technology APT100GN120J Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT100GN120J
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 800V
R
G = 1.0Ω
L = 100µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
V
CE = 800V
T
J = 25°C, or 125°C
R
G = 1.0Ω
L = 100µH
60
50
40
30
20
10
0
250
200
150
100
50
0
80,000
60,000
40,000
20,000
0
100,000
80,000
60,000
40,000
20,000
0
1000
800
600
400
200
0
250
200
150
100
50
0
30,000
25,000
20,000
15,000
10,000
5000
0
80,000
60,000
40,000
20,000
0
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
VCE = 800V
VGE = +15V
RG = 1.0Ω
10
40
70
100 130 160
190
220
10
40
70
100
130 160
190
220
10
40
70
100
130
160 190
220
10
40
70
100
130 160 190
220
10
40
70
100
130 160 190 220
10
40
70
100
130 160
190 220
0
5
10
15
20
0
25
50
75
100
125
R
G = 1.0Ω, L = 100µH, VCE = 800V
R
G = 1.0Ω, L = 100µH, VCE = 800V
T
J = 25 or 125°C,VGE = 15V
VCE = 800V
VGE = +15V
RG = 1.0Ω
T
J = 125°C
T
J = 25°C
VCE = 800V
VGE = +15V
RG = 1.0Ω
T
J = 125°C
T
J = 25°C
E
on2,200A
E
off,200A
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
VCE = 800V
VGE = +15V
TJ = 125°C
E
on2,200A
E
off,200A
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A


Similar Part No. - APT100GN120J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT100GN120J MICROSEMI-APT100GN120J Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT100GN120J MICROSEMI-APT100GN120J Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT100GN120J MICROSEMI-APT100GN120J Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT100GN120JDQ4 MICROSEMI-APT100GN120JDQ4 Datasheet
199Kb / 9P
   Thunderbolt IGBT
APT100GN120JDQ4 MICROSEMI-APT100GN120JDQ4 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT100GN120J

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com