Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30M40LVFR Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT30M40LVFR
Description  POWER MOS V FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30M40LVFR Datasheet(HTML) 1 Page - Advanced Power Technology

  APT30M40LVFR Datasheet HTML 1Page - Advanced Power Technology APT30M40LVFR Datasheet HTML 2Page - Advanced Power Technology APT30M40LVFR Datasheet HTML 3Page - Advanced Power Technology APT30M40LVFR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250µA)
On State Drain Current 2 (V
DS > ID(on) x RDS(on) Max, VGS = 10V)
Drain-Source On-State Resistance 2 (V
GS = 10V, 0.5 ID[Cont.])
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 0.8 VDSS, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 2.5mA)
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J,TSTG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current 1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current 1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
I
D(on)
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Amps
Ohms
µA
nA
Volts
MIN
TYP
MAX
300
76
0.040
250
1000
±100
24
APT30M40B2VFR_LVFR
300
76
304
±30
±40
520
4.16
-55 to 150
300
76
50
2500
Power MOS V® is a new generation of high voltage N-Channel enhancement
mode power MOSFETs. This new technology minimizes the JFET effect,
increases packing density and reduces the on-resistance. Power MOS V®
also achieves faster switching speeds through optimized gate layout.
• Fast Recovery Body Diode
• Avalanche Energy Rated
• Lower Leakage
T-MAX™ or TO-264 Package
• Faster Switching
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
POWER MOS V® FREDFET
T-MAX™
TO-264
B2VFR
LVFR
APT30M40B2VFR
APT30M40LVFR
300V 76A
0.040
G
D
S


Similar Part No. - APT30M40LVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30M40LVFR ADPOW-APT30M40LVFR Datasheet
66Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results

Similar Description - APT30M40LVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT60M80L2VFR ADPOW-APT60M80L2VFR Datasheet
164Kb / 5P
   POWER MOS V FREDFET
APT5015BVFR ADPOW-APT5015BVFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT4014BVFR ADPOW-APT4014BVFR Datasheet
73Kb / 4P
   POWER MOS V FREDFET
APT20M18B2VFR ADPOW-APT20M18B2VFR_04 Datasheet
155Kb / 4P
   POWER MOS V FREDFET
APT14050JVFR ADPOW-APT14050JVFR Datasheet
135Kb / 4P
   POWER MOS V FREDFET
APT40M35JVFR ADPOW-APT40M35JVFR Datasheet
120Kb / 4P
   POWER MOS V FREDFET
APT60M75JVFR ADPOW-APT60M75JVFR Datasheet
948Kb / 4P
   POWER MOS V FREDFET
APT1001RBVFR ADPOW-APT1001RBVFR Datasheet
123Kb / 4P
   POWER MOS V FREDFET
APT6020B2VFR ADPOW-APT6020B2VFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT6040BVFR ADPOW-APT6040BVFR Datasheet
150Kb / 4P
   POWER MOS V FREDFET
APT12040JVFR ADPOW-APT12040JVFR Datasheet
126Kb / 4P
   POWER MOS V FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com