Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT25GT120BRG Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT25GT120BRG
Description  Thunderbolt IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT25GT120BRG Datasheet(HTML) 3 Page - Advanced Power Technology

  APT25GT120BRG Datasheet HTML 1Page - Advanced Power Technology APT25GT120BRG Datasheet HTML 2Page - Advanced Power Technology APT25GT120BRG Datasheet HTML 3Page - Advanced Power Technology APT25GT120BRG Datasheet HTML 4Page - Advanced Power Technology APT25GT120BRG Datasheet HTML 5Page - Advanced Power Technology APT25GT120BRG Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APT25GT120BR(G)
TYPICAL PERFORMANCE CURVES
IC = 25A
TJ = 25°C
250µs PULSE
TEST<0.5 % DUTY
CYCLE
80
70
60
50
40
30
20
10
0
80
70
60
50
40
30
20
10
0
6
5
4
3
2
1
0
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0
2
4
6
8
0
5
10
15
20
0
2
4
6
8
10
12
14
0 20 40 60 80 100 120 140 160 180 200
6
8
10
12
14
16
0
25
50
75
100
125
150
-50 -25
0
25
50
75 100 125 150
-50 -25
0
25
50
75 100 125 150
100
80
60
40
20
0
16
14
12
10
8
6
4
2
0
6
5
4
3
2
1
0
80
70
60
50
40
30
20
10
0
T
J = 125°C
T
J = 25°C
T
J = 25°C.
250µs PULSE TEST
<0.5 % DUTY CYCLE
V
GE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
T
J = 125°C
T
J = 25°C
VGE = 15V
V
CE = 960V
V
CE = 600V
V
CE = 240V
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics(TJ = 25°C)
FIGURE 2, Output Characteristics (TJ = 125°C)
V
GE, GATE-TO-EMITTER VOLTAGE (V)
GATE CHARGE (nC)
FIGURE 3, Transfer Characteristics
FIGURE 4, Gate Charge
VGE, GATE-TO-EMITTER VOLTAGE (V)
TJ, Junction Temperature (°C)
FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage
FIGURE 6, On State Voltage vs Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
FIGURE 7, Threshold Voltage vs. Junction Temperature
FIGURE 8, DC Collector Current vs Case Temperature
I
C = 12.5A
I
C = 25A
I
C = 50A
I
C = 12.5A
I
C = 25A
I
C = 50A
T
J = -55°C
13V
11V
10V
9V
12V
8V
7V
15V
T
J = -55°C


Similar Part No. - APT25GT120BRG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT25GT120BRG MICROSEMI-APT25GT120BRG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT25GT120BRG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com