Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT15S20BCT Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT15S20BCT
Description  HIGH VOLTAGE SCHOTTKY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15S20BCT Datasheet(HTML) 3 Page - Advanced Power Technology

  APT15S20BCT Datasheet HTML 1Page - Advanced Power Technology APT15S20BCT Datasheet HTML 2Page - Advanced Power Technology APT15S20BCT Datasheet HTML 3Page - Advanced Power Technology APT15S20BCT Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES
APT15S20BCT
TJ = 125°C
VR = 133V
30A
15A
7.5A
TJ = -55°C
TJ = 25°C
TJ = 125°C
TJ = 150°C
140
120
100
80
60
40
20
0
25
20
15
10
5
0
Duty cycle = 0.5
TJ = 150°C
TJ = 125°C
VR = 133V
TJ = 125°C
VR = 133V
30A
15A
7.5A
0
0.2
0.4
0.6
0.8
1
1.2
0
200
400
600
800
0
200
400
600
800
0
200
400
600
800
60
50
40
30
20
10
0
1200
1000
800
600
400
200
0
15A
7.5A
30A
Qrr
trr
Qrr
trr
IRRM
1.2
1.0
0.8
0.6
0.4
0.2
0.0
1000
800
600
400
200
0
0
25
50
75
100
125
150
25
50
75
100
125
150
.6
1
10
100 200
70
60
50
40
30
20
10
0
VF, ANODE-TO-CATHODE VOLTAGE (V)
-diF /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-diF /dt, CURRENT RATE OF CHANGE (A/µs)
-diF /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
TJ, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
VR, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage


Similar Part No. - APT15S20BCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15S20K ADPOW-APT15S20K Datasheet
109Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Advanced Power Technolo...
APT15S20KCT ADPOW-APT15S20KCT Datasheet
55Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT15S20KCT MICROSEMI-APT15S20KCT Datasheet
182Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
More results

Similar Description - APT15S20BCT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CMLD6263 CENTRAL-CMLD6263_15 Datasheet
511Kb / 3P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT2X101S20J MICROSEMI-APT2X101S20J Datasheet
221Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT100S20LCT MICROSEMI-APT100S20LCT Datasheet
201Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KG MICROSEMI-APT15S20KG Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT60S20BG MICROSEMI-APT60S20BG Datasheet
2Mb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KCT MICROSEMI-APT15S20KCT Datasheet
182Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com