Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT13GP120BDQ1 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT13GP120BDQ1
Description  POWER MOS 7 IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT13GP120BDQ1 Datasheet(HTML) 1 Page - Advanced Power Technology

  APT13GP120BDQ1 Datasheet HTML 1Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 2Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 3Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 4Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 5Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 6Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 7Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 8Page - Advanced Power Technology APT13GP120BDQ1 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APT13GP120BDQ1(G)
TYPICAL PERFORMANCE CURVES
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (V
GE = 0V, I C = 500µA)
Gate Threshold Voltage (V
CE = VGE, I C = 1mA, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 13A, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 13A, Tj = 125°C)
Collector Cut-off Current (V
CE = 1200V, VGE = 0V, Tj = 25°C)
2
Collector Cut-off Current (V
CE = 1200V, VGE = 0V, Tj = 125°C)
2
Gate-Emitter Leakage Current (V
GE = ±20V)
Symbol
V
(BR)CES
V
GE(TH)
V
CE(ON)
I
CES
I
GES
Units
Volts
µA
nA
Symbol
V
CES
V
GE
I
C1
I
C2
I
CM
RBSOA
P
D
T
J,TSTG
T
L
APT13GP120BDQ1(G)
1200
±20
41
20
50
50A @ 960V
250
-55 to 150
300
UNIT
Volts
Amps
Watts
°C
Parameter
Collector-Emitter Voltage
Gate-Emitter Voltage
Continuous Collector Current @ T
C = 25°C
Continuous Collector Current @ T
C = 110°C
Pulsed Collector Current 1 @ T
C = 150°C
Reverse Bias Safe Operating Area @ T
J = 150°C
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
APT Website - http://www.advancedpower.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
MIN
TYP
MAX
1200
3
4.5
6
3.3
3.9
3.0
500
3000
±100
The POWER MOS 7® IGBT is a new generation of high voltage power IGBTs. Using Punch
Through Technology this IGBT is ideal for many high frequency, high voltage switching
applications and has been optimized for high frequency switchmode power supplies.
• Low Conduction Loss
• 100 kHz operation @ 600V, 10A
• Low Gate Charge
• 50 kHz operation @ 600V, 16A
• Ultrafast Tail Current shutoff
• RBSOA Rated
POWER MOS 7® IGBT
1200V
APT13GP120BDQ1
APT13GP120BDQ1G*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
®
TO-2
47
G
C
E
C
E
G


Similar Part No. - APT13GP120BDQ1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT13GP120BDQ1G MICROSEMI-APT13GP120BDQ1G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT13GP120BDQ1G MICROSEMI-APT13GP120BDQ1G Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
More results

Similar Description - APT13GP120BDQ1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com