Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT2X101DQ60J Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT2X101DQ60J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT2X101DQ60J Datasheet(HTML) 3 Page - Advanced Power Technology

  APT2X101DQ60J Datasheet HTML 1Page - Advanced Power Technology APT2X101DQ60J Datasheet HTML 2Page - Advanced Power Technology APT2X101DQ60J Datasheet HTML 3Page - Advanced Power Technology APT2X101DQ60J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT2x101_100DQ60J
TYPICAL PERFORMANCE CURVES
TJ =125°C
VR=400V
50A
100A
200A
Duty cycle = 0.5
TJ =175°C
0
25
50 75 100
125150 25
50
75
100
125
150
175
1
10
100 200
180
160
140
120
100
80
60
40
20
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
T
J = -55°C
T
J = 25°C
T
J = 125°C
T
J = 175°C
TJ =125°C
VR=400V
100A
50A
200A
300
250
200
150
100
50
0
4000
3500
3000
2500
2000
1500
1000
500
0
TJ =125°C
VR=400V
200A
100A
50A
300
250
200
150
100
50
0
60
50
40
30
20
10
0
Q
rr
t
rr
Q
rr
I
RRM
1.2
1.0
0.8
0.6
0.4
0.2
0.0
1400
1200
1000
800
600
400
200
0
t
rr


Similar Part No. - APT2X101DQ60J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X101DQ60J MICROSEMI-APT2X101DQ60J Datasheet
130Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT2X101DQ60J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com