Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALF1T06 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ALF1T06
Description  20A Power Relay For Home appliances
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALF1T06 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ALF1T06 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALF1T06 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALF1T06 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LF
42
REFERENCE DATA
1. Coil temperature rise
Sample: ALF1T12, 6 pcs.
Point measured: coil inside
Contact current: 20A
Ambient temperature: 25
°C 77°F, 60°C 140°F
2-(1). 200V AC electrical life test
(200V AC, inverter load)
Sample: ALF1T12, 6 pcs.
Load: Inrush 102A (wave peak value),
Steady 14.4A (wave peak value)
Inverter dummy 200V AC
Switching frequency: ON 1s, OFF 5s
Circuit:
Coil applied voltage, %V
80
100
120
70
158
60
140
50
122
40
104
30
86
20
68
10
50
0
32
60
°C 140°F
25
°C 77°F
1.9
LF relay contact
Switch
2,000
µF
200V AC
06
3
0
2
4
6
8
10
12
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Contact welding: 0 times
Miscontact: 0 times
Drop-out voltage
Pick-up voltage
2-(2). 100V AC electrical life test
(100V AC, inverter load)
Sample: ALF1T12, 6 pcs.
Load: Inrush 224A (wave peak value),
Steady 30.5A (wave peak value)
Inverter dummy 100V AC
Switching frequency: ON 1s, OFF 5s
Circuit:
LF relay contact
2,000
µF
470
µF
470
µF
100V AC
06
3
0
2
4
6
8
10
12
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Drop-out voltage
Pick-up voltage
Contact welding: 0 times
Miscontact: 0 times
2-(3). Inrush 70.7A, Steady 20A, 250V AC
electrical life test
(Compressor dummy load)
Sample: ALF1T12, 3 pcs.
Load: Inrush 70.7A, cos
φ = 0.7
Steady 20A, cos
φ 0.9
250V AC compressor dummy
Switching frequency: ON 1.5s, OFF 1.5s
Circuit:
2-(4). Electrical life test
(20A 250V AC, resistive load)
Sample: ALF1T12, 6 pcs.
Switching frequency: ON 1.5s, OFF 1.5s
SW1
NO
Mg
Detection
Circuit
Contact Weld
Min. 0.5s
Miss Contact
after 0.2s
COM
250V AC
60Hz
G
12V DC
(–)
(+)
010
5
0
2
4
6
8
10
12
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Drop-out voltage
Pick-up voltage
Contact welding: 0 times
Miscontact: 0 times
020
10
0
2
4
6
8
10
No. of operations,
×104
12
Drop-out voltage
Pick-up voltage
Max.
Min.
x
Max.
Min.
x
Contact welding: 0 times
Miscontact: 0 times
For Cautions for Use, see Relay Technical Information (Page 11 to 39).


Similar Part No. - ALF1T06

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ALF1-012 ALTECH-ALF1-012 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-024 ALTECH-ALF1-024 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-048 ALTECH-ALF1-048 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-110 ALTECH-ALF1-110 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-230 ALTECH-ALF1-230 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
More results

Similar Description - ALF1T06

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
   Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
   Control home appliances from your phone
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
EXCEL CELL ELECTRONIC C...
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
   HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
   HOME APPLICATION RELAY
ETRGL ECE-ETRGL Datasheet
155Kb / 4P
   HOME APPLICATION RELAY
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
   HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
   HOME APPLICATION RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com