Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7468ARQ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7468ARQ-REEL7
Description  dBCool??Remote Thermal Controller and Voltage Monitor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468ARQ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7468ARQ-REEL7 Datasheet HTML 2Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 3Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 4Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 5Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 6Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 7Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 8Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 9Page - Analog Devices ADT7468ARQ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ADT7468
Rev. 0 | Page 6 of 80
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
VID0
VID1
VID2
VID3
TACH1
TACH2
+5VIN/THERM
VID4
D1+
TACH3
PWM2/SMBALERT
D1–
1
2
3
4
24
23
22
21
SDA
SCL
GND
VCC
PWM1/XTO
VCCP
+2.5VIN
+12VIN/VID5
D2+
D2–
PWM3
TACH4/GPIO/THERM/SMBALERT
ADT7468
TOP VIEW
(NOT TO SCALE)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires pull-up resistor.
2
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires pull-up resistor.
3
GND
Ground Pin.
4
VCC
Power Supply. Can be powered by 3.3 V standby, if monitoring in low power states is required. VCC is also monitored
through this pin. The ADT7468 can also be powered from a 5 V supply. Setting Bit 7 of Configuration Register 1
(Reg. 0x40) rescales the VCC input attenuators to correctly measure a 5 V supply.
5
VID0
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
6
VID1
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
7
VID2
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
8
VID3
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
9
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3. Can be reconfigured as an analog input
(AIN3) to measure the speed of 2-wire fans.
10
PWM2
Digital Output (Open Drain). Requires 10 kΩ typical pull-up. Pulse width modulated output to control Fan 2 speed.
Can be configured as a high or low frequency drive.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
11
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1. Can be reconfigured as an analog input
(AIN1) to measure the speed of 2-wire fans.
12
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2. Can be reconfigured as an analog input
(AIN2) to measure the speed of 2-wire fans.
13
PWM3
Digital I/O (Open Drain). Pulse width modulated output to control speed of Fan 3 and Fan 4. Requires 10 kΩ typical
pull-up. Can be configured as a high or low frequency drive.
14
TACH4
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4. Can be reconfigured as an analog input
(AIN4) to measure the speed of 2-wire fans.
GPIO
General Purpose Open Drain Digital I/O.
THERM
Alternatively, the pin can be reconfigured as a bidirectional THERM pin. Can be used to time and monitor assertions
on the THERM input. For example, this pin can be connected to the PROCHOT output of an Intel Pentium 4 processor
or to the output of a trip point temperature sensor. This pin can also be used as an output to signal overtemperature
conditions.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
15
D2–
Cathode Connection to Second Thermal Diode.
16
D2+
Anode Connection to Second Thermal Diode.
17
D1–
Cathode Connection to First Thermal Diode.


Similar Part No. - ADT7468ARQ-REEL7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7468ARQ-REEL7 ONSEMI-ADT7468ARQ-REEL7 Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results

Similar Description - ADT7468ARQ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com