Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC14155CISQ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155CISQ
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155CISQ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC14155CISQ Datasheet HTML 7Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 8Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 9Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 10Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 11Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 12Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 13Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 14Page - National Semiconductor (TI) ADC14155CISQ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Timing Diagram
20179009
Output Timing
Transfer Characteristic
20179010
FIGURE 1. Transfer Characteristic
www.national.com
11


Similar Part No. - ADC14155CISQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14155CISQ/NOPB TI1-ADC14155CISQ/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter
More results

Similar Description - ADC14155CISQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
[Old version datasheet]   ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com