Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD126168D Datasheet(PDF) 1 Page - Sensitron

Part # SHD126168D
Description  SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126168D Datasheet(HTML) 1 Page - Sensitron

  SHD126168D Datasheet HTML 1Page - Sensitron SHD126168D Datasheet HTML 2Page - Sensitron SHD126168D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4779, REV. A
SILICON SCHOTTKY RECTIFIER
Ultra Low Reverse Leakage
100
•C Operating Temperature
Applications:
œ Switching Power Supply œ Converters œ Free-Wheeling Diodes œ Polarity Protection Diode
Features:
œ Ultra low Reverse Leakage Current
œ Soft Reverse Recovery at Low and High Temperature
œ Very Low Forward Voltage Drop
œ Low Power Loss, High Efficiency
œ High Surge Capacity
œ Guard Ring for Enhanced Durability and Long Term Reliability
œ Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
15
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single/Doubler)
7.5
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common
Cathode/Common Anode)
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
75
A
Max. Junction Temperature
TJ
-
-65 to +100
•C
Max. Storage Temperature
Tstg
-
-65 to +100
•C
Thermal Resistance(single)
R JC
-
1.36
•C/W
Thermal Resistance(Common
Cathode,Common, Anode
Doubler)
R JC
-
2.71
•C/W
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25
•C
0.46
V
VF2
@ 7.5A, Pulse, TJ = 125
•C
0.42
V
Max. Reverse Current
IR1
@VR = 15V, Pulse,
TJ = 25
•C
3.5
mA
IR2
@VR = 15V, Pulse,
TJ = 125
•C
170
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
•C
fSIG = 1MHz,
VSIG = 50mV (p-p)
600
pF
SHD126168
SHD126168D
SHD126168N
SHD126168P


Similar Part No. - SHD126168D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126111 SENSITRON-SHD126111 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111D SENSITRON-SHD126111D Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111N SENSITRON-SHD126111N Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111P SENSITRON-SHD126111P Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126112 SENSITRON-SHD126112 Datasheet
85Kb / 3P
   SCHOTTKY RECTIFIER
More results

Similar Description - SHD126168D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126268 SENSITRON-SHD126268 Datasheet
83Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
SHD126468 SENSITRON-SHD126468 Datasheet
79Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
logo
Semtech Corporation
SHD126422 SEMTECH-SHD126422 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
logo
Sensitron
SHD126412 SENSITRON-SHD126412 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150?C Operating Temperature
SHD126445 SENSITRON-SHD126445 Datasheet
81Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
SHD126213D SENSITRON-SHD126213D Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150?C Operating Temperature
SHD126246 SENSITRON-SHD126246 Datasheet
83Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126444 SENSITRON-SHD126444 Datasheet
81Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126423 SENSITRON-SHD126423 Datasheet
59Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
SHD126436 SENSITRON-SHD126436 Datasheet
82Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com