Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM2M200-010 Datasheet(PDF) 2 Page - Sensitron

Part # SPM2M200-010
Description  Standard Industrial Grade MOSFET Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM2M200-010 Datasheet(HTML) 2 Page - Sensitron

  SPM2M200-010 Datasheet HTML 1Page - Sensitron SPM2M200-010 Datasheet HTML 2Page - Sensitron SPM2M200-010 Datasheet HTML 3Page - Sensitron SPM2M200-010 Datasheet HTML 4Page - Sensitron SPM2M200-010 Datasheet HTML 5Page - Sensitron SPM2M200-010 Datasheet HTML 6Page - Sensitron SPM2M200-010 Datasheet HTML 7Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-Mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
DATA SHEET 658, REV. -
Industrial Grade MOSFET Power Modules
INDUSTRIAL MOSFET PRODUCT MAP
ID (Amps)
CONFIG-
URATION
VDSS
(V)
10
25
50
100
200
300
400
60
-
-
SPC8M075-006
-
-
-
-
100
-
-
SPC8M045-010
-
-
-
-
200
-
SPC8M030-020
-
-
-
-
-
Dual
H-Bridge
600
SPC8M011-060
-
-
-
-
-
-
60
-
-
SPC6M075-006
-
-
-
-
100
-
-
SPC6M045-010
-
-
-
-
200
-
SPC6M030-020
-
-
-
-
-
600
SPC6M011-060
-
-
-
-
-
-
3-Phase
Bridge
1000
SPC6M006-100
-
-
-
-
-
-
Note:
Operating temperature range is -40
•C to 125•C; storage temperature range is -40•C to 150•C.
SPXXMXXX-XXX


Similar Part No. - SPM2M200-010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM2-433 ETC2-SPM2-433 Datasheet
378Kb / 15P
   UHF SpacePort Modem
SPM2-433-18 ETC2-SPM2-433-18 Datasheet
378Kb / 15P
   UHF SpacePort Modem
logo
Radiometrix Ltd
SPM2-433-18 RADIOMETRIX-SPM2-433-18 Datasheet
379Kb / 15P
   UHF SpacePort Modem
logo
List of Unclassifed Man...
SPM2-433-18-3V ETC2-SPM2-433-18-3V Datasheet
378Kb / 15P
   UHF SpacePort Modem
logo
Radiometrix Ltd
SPM2-433-18-3V RADIOMETRIX-SPM2-433-18-3V Datasheet
379Kb / 15P
   UHF SpacePort Modem
More results

Similar Description - SPM2M200-010

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQR-SD1I ADVANTECH-SQR-SD1I Datasheet
488Kb / 1P
   Industrial Grade
15-Jan-2014
logo
Semikron International
SKM453A020 SEMIKRON-SKM453A020 Datasheet
470Kb / 4P
   Power MOSFET Modules
SKM214A SEMIKRON-SKM214A Datasheet
473Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020_08 Datasheet
444Kb / 4P
   Power MOSFET Modules
SKM313B010 SEMIKRON-SKM313B010 Datasheet
443Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR Datasheet
497Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020 Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM121AR SEMIKRON-SKM121AR Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR_08 Datasheet
503Kb / 4P
   Power MOSFET Modules
logo
All Sensors Corporation
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com