Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXXMXXX-XXX Datasheet(PDF) 1 Page - Sensitron

Part # SPXXMXXX-XXX
Description  Standard Industrial Grade MOSFET Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPXXMXXX-XXX Datasheet(HTML) 1 Page - Sensitron

  SPXXMXXX-XXX Datasheet HTML 1Page - Sensitron SPXXMXXX-XXX Datasheet HTML 2Page - Sensitron SPXXMXXX-XXX Datasheet HTML 3Page - Sensitron SPXXMXXX-XXX Datasheet HTML 4Page - Sensitron SPXXMXXX-XXX Datasheet HTML 5Page - Sensitron SPXXMXXX-XXX Datasheet HTML 6Page - Sensitron SPXXMXXX-XXX Datasheet HTML 7Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-Mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
DATA SHEET 658, REV. -
Standard Industrial Grade MOSFET Power Modules
FEATURES:
œ High Power Density
œ Low Drain to Source Resistance (R
DS(on))
œ Low Thermal Resistance (R
JC)
INDUSTRIAL MOSFET PRODUCT MAP
ID (Amps)
CONFIG-
URATION
VDSS
(V)
10
25
50
100
200
300
400
60
-
-
-
-
-
-
SPM1M350-006
SPM1M400-006
100
-
-
-
-
SPM1M250-010
SPM1M300-010
-
300
-
-
-
SPM1M130-030
SPM1M160-030
-
-
-
600
-
-
SPM1M070-060
SPM1M090-060
-
-
-
Single
1000
-
-
SPM1M045-100
SPM1M065-100
-
-
-
-
60
-
-
-
-
SPM2M200-006
SPM2M250-006
-
-
100
-
-
-
SPM2M150-010
SPM2M200-010
-
-
300
-
-
-
SPM2M080-030
SPM2M120-030
-
-
-
600
-
-
SPM2M040-060
SPM2M050-060
-
-
-
-
Half-
Bridge
1000
-
SPM2M025-100
SPM2M035-100
-
-
-
-
-
60
-
-
SPC4M075-006
SPM4M130-006
-
-
-
100
-
-
SPC4M045-010
SPC4M075-010
SPM4M130-010
-
-
-
200
-
SPC4M030-020
SPC4M050-020
-
-
-
-
300
-
-
SPC4M040-030
SPM4M080-030
-
-
-
600
-
SPC4M020-060
SPM4M040-060
-
-
-
-
H-Bridge
1000
SPC4M012-100
SPM4M024-100
-
-
-
-
-
SPXXMXXX-XXX


Similar Part No. - SPXXMXXX-XXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
logo
List of Unclassifed Man...
SPXXHC298 ETC1-SPXXHC298 Datasheet
113Kb / 2P
   54/74 Series Adders Registers
SPXXHC80 ETC1-SPXXHC80 Datasheet
113Kb / 2P
   54/74 Series Adders Registers
SPXXHC82 ETC1-SPXXHC82 Datasheet
113Kb / 2P
   54/74 Series Adders Registers
More results

Similar Description - SPXXMXXX-XXX

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQR-SD1I ADVANTECH-SQR-SD1I Datasheet
488Kb / 1P
   Industrial Grade
15-Jan-2014
logo
Semikron International
SKM453A020 SEMIKRON-SKM453A020 Datasheet
470Kb / 4P
   Power MOSFET Modules
SKM214A SEMIKRON-SKM214A Datasheet
473Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020_08 Datasheet
444Kb / 4P
   Power MOSFET Modules
SKM313B010 SEMIKRON-SKM313B010 Datasheet
443Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR Datasheet
497Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020 Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM121AR SEMIKRON-SKM121AR Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR_08 Datasheet
503Kb / 4P
   Power MOSFET Modules
logo
All Sensors Corporation
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com