Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC2506W Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GBPC2506W
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBPC2506W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GBPC2506W Datasheet HTML 1Page - Pan Jit International Inc. GBPC2506W Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.01.2002
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• The plastic package has Underwriters Laboratory Flammability
Classification 94V-O.
• Surge overload ratings to 300 Amperes .
GBPC25005W~GBPC2510W
HIGH CURRENT SILICON BRIDGE RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes
MECHANICALDATA
Case:Molded plastic with heatsink integrally
mounthed in the bringe encapsulation.
Mounting position: Any
Weight: 1 ounce, 30 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Input Voltage
Maximum DC Blocking Voltage
DC Output Voltage, Resistive load
DC Output Voltage, Capacitive load
Maximum Average Forward Current For Resistive
Load at TC=55°C
Non-repetitive Peak Forward Surge Current at Rated Load
Maximum Forward Voltage per Bridge Element at 12.5A
Specified Current
Maximum Reverse Leakage Current at Rated @ TA=25°C
Dc Blocking Voltage @ TA=100°C
I2t Rating for fusing ( t<8.35ms)
Typical Thermal Resistance per leg (Fig 3) R
θJC
Operating Temperature Range, TJ
Storage Temperature Range, TA
V
V
V
A
°C / W
UNIT
°C
25
1.2
374/664
10.0
1000
2.0
-55 to +150
A
V
A2S
°C
-55 to +150
V
V
Unit: inch ( mm )
GBPC-W
1.129(28.7)
1.118(28.4)
.469(11.9)
.429(10.9)
EPOXY CASE
.442(11.23)
.432(10.97)
.042(1.07)
.038(.97)
AC
AC
METAL HEAT SINK
.751(19.1)
.673(17.1)
GBPC
25005W
50
50
35
50
30
GBPC
2501W
100
100
70
100
62
GBPC
2502W
200
200
140
200
124
GBPC
2504W
400
400
280
400
250
GBPC
2506W
600
600
420
600
380
GBPC
2508W
800
800
560
800
505
300
µA
GBPC
25010W
1000
1000
700
1000
630
“ W ” Sufflx Designates Wlre Leads
No Sufflx Designates faston Terminals
All Models are Available on B(Height)=7.62mm Max. Epoxy Case


Similar Part No. - GBPC2506W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBPC2506W DIODES-GBPC2506W Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
ON Semiconductor
GBPC2506W ONSEMI-GBPC2506W Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
International Rectifier
GBPC2506W IRF-GBPC2506W Datasheet
73Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
logo
RFE international
GBPC2506W RFE-GBPC2506W Datasheet
2Mb / 3P
   Bridge Rectifiers
1-06-2023
logo
Diodes Incorporated
GBPC2506W DIODES-GBPC2506W Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
More results

Similar Description - GBPC2506W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC35005W PANJIT-GBPC35005W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
CP1500 PANJIT-CP1500 Datasheet
41Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Pan Jit International I...
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM5000 PANJIT-CM5000 Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)
CP5000 PANJIT-CP5000 Datasheet
44Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com