Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YCH250 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # YCH250
Description  2.50mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

YCH250 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  YCH250 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.50mm (0.098")PITCHCONNECTOR
CABLE SOCKET
I/NO
TITLE
DESCRIPTION
MATERIAL
1
YCH250
HOUSING
PA66, UL94 V Grade
PARTS NO.
DIM. A
DIM. B
DIM. C
Material
YCH250 Series
Cable Holder Connector
Flat Ribbon Cable Housing
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
-
Withstanding Voltage
-
Insulation Resistance
-
Applicable P.C.B
1.2~1.6mm
Applicable Wire
-
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
-
-
-25℃~+85℃
Specification
Available Pin
35.2
30.0
33.0
40.2
37.7
38.0
35.5
32.5
35.0
27.7
30.2
32.7
25.2
28.0
30.5
25.5
23.0
15.2
20.2
22.7
17.7
12.7
15.5
18.0
20.5
13.0
10.5
7.7
10.2
13
YCH250-
YCH250-
YCH250-15
14
YCH250-
YCH250-
YCH250-
YCH250-
YCH250-
YCH250-
YCH250-
YCH250-
YCH250-
12
11
10
09
06
07
08
05
04
YCH250-
YCH250-03
02
5.5
8.0
25.0
27.5
22.5
20.0
12.5
15.0
17.5
10.0
7.5
2.5
5.0
-0
+0.1
Y H
Ø1.7
Ø1.7
0.5
A
B
C
2.50(PITCH)
PCB
FLAT RIBBON CABLE
Ø 0.9
1.7
2.6 ±0.1
Ø
PCB ASS'Y
PCB LAYOUT
C ±0.1
P=2.5 ±0.05


Similar Part No. - YCH250

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YCH200 YEONHO-YCH200 Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200-02R YEONHO-YCH200-02R Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200-03R YEONHO-YCH200-03R Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200-04R YEONHO-YCH200-04R Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200-05R YEONHO-YCH200-05R Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
More results

Similar Description - YCH250

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
25045HP YEONHO-25045HP Datasheet
240Kb / 1P
   2.50mm PITCH CONNECTOR
25048HS YEONHO-25048HS Datasheet
231Kb / 1P
   2.50mm PITCH CONNECTOR
YH025 YEONHO-YH025 Datasheet
203Kb / 1P
   2.50mm PITCH CONNECTOR
SMH250 YEONHO-SMH250 Datasheet
211Kb / 1P
   2.50mm PITCH CONNECTOR
SMP250L YEONHO-SMP250L Datasheet
223Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-NNV YEONHO-SMAW250-NNV Datasheet
257Kb / 1P
   2.50mm PITCH CONNECTOR
SMW250 YEONHO-SMW250 Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
BMH250-NNS YEONHO-BMH250-NNS Datasheet
405Kb / 1P
   2.50mm PITCH CONNECTOR
YST025 YEONHO-YST025 Datasheet
143Kb / 1P
   2.50mm PITCH CONNECTOR
SMW250-NNV YEONHO-SMW250-NNV Datasheet
250Kb / 1P
   2.50mm PITCH CONNECTOR
YMAW025 YEONHO-YMAW025 Datasheet
220Kb / 1P
   2.50mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com