Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD225606 Datasheet(PDF) 1 Page - Sensitron

Part # SHD225606
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD225606 Datasheet(HTML) 1 Page - Sensitron

  SHD225606 Datasheet HTML 1Page - Sensitron SHD225606 Datasheet HTML 2Page - Sensitron SHD225606 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web Site - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 227, REV. B
HERMETIC POWER MOSFET
N-CHANNEL
(Standard and Fast-FET)
DESCRIPTION: A 500 VOLT, 24 AMP, 0.23 RDS(ON) MOSFET IN A HERMETIC TO-254 PACKAGE.
SHD225605: Formerly SHD2253, N-Channel Enhancement Mode.
SHD225606: Formerly SHD2253F, N-Channel Enhancement Mode with Fast Intrinsic Diode.
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
(AT Tj=25
0C UNLESS OTHERWISE SPECIFIED).
P
PA
AR
RA
AM
ME
ET
TE
ER
R
S
SY
YM
MB
BO
OL
L
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
TS
S
DRAIN TO SOURCE BREAKDOWN VOLTAGE
(VGS = 0 V, ID = 1.0 mA)
BVDSS
500
-
-
Volts
DRAIN TO SOURCE ON STATE RESISTANCE
(VGS = 10 V, ID = 12.0 A)
RDS(ON)
-
-
0.23
W
CONTINUOUS DRAIN CURRENT
(VDS = 10 V, TC = 25
0C)
ID
-
-
24
Amps
GATE THRESHOLD VOLTAGE
(VDS = VGS, ID = 250
mA)
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
(VDS=10V,IDS = 12.0A)
gfs
11
21
-
S(1/
W)
ZERO GATE VOLTAGE DRAIN CURRENT
(VDS = 400V)
(VGS = OV, TJ=125
0C)
IDSS
-
-
-
-
200
1.0
mA
mA
GATE TO SOURCE LEAKAGE
(VGS =
–20VDC, VDS = 0)
IGSS
-
-
+/-
100
nA
TOTAL GATE CHARGE
SHD225605
(VGS = 10V, VDS = 250V, ID = 12.0A)
SHD225606
Qg
-
-
190
160
nC
INPUT CAPACITANCE
OUTPUT CAPACITANCE
REVERSE TRANSFER CAPACITANCE
(VGS = 0V, VDS = 25V, f = 1.0 Mhz)
Ciss
Coss
Crss
-
-
-
4200
450
135
-
-
-
pF
SHD225605
SHD225606


Similar Part No. - SHD225606

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225601 SENSITRON-SHD225601 Datasheet
61Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225602 SENSITRON-SHD225602 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225603 SENSITRON-SHD225603 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225604 SENSITRON-SHD225604 Datasheet
39Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225608 SENSITRON-SHD225608 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results

Similar Description - SHD225606

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com