Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2455PLS Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STD2455PLS
Description  P-Channel E nhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2455PLS Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STD2455PLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
S TU/D2455P LS
6
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
4
8
12 16 20
24
28 32
VDS=-15V
ID=-10A
F igure 9. C apacitance
-V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
3000
2500
2000
1500
1000
500
0
C iss
C oss
C rss
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
100
10
1
1
6 10
60 100
60
600
300
220
T D(on)
T D(off)
T r
T f
V DS =-15V ,ID=-1A
V G S =-10V
5
F igure 10. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
80
50
10
1
0.03
0.1
1
10 60
VGS=-10V
S ingle P ulse
Tc=25 C
10m
s
100
ms
1s
DC


Similar Part No. - STD2455PLS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
STD24-Applicator MACOM-STD24-Applicator Datasheet
5Mb / 85P
   tyco electronics contents
logo
Visual Communications C...
STD240BLK VCC-STD240BLK Datasheet
67Kb / 1P
   STD
logo
ON Semiconductor
STD24N06L ONSEMI-STD24N06L Datasheet
122Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
STD24N06LT4G ONSEMI-STD24N06LT4G Datasheet
122Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
logo
Tyco Electronics
STD24W MACOM-STD24W Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - STD2455PLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PLS SAMHOP-STU1855PLS Datasheet
704Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1255PL SAMHOP-STU1255PL Datasheet
878Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM4439A SAMHOP-STM4439A Datasheet
655Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM9433 SAMHOP-STM9433 Datasheet
653Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com